Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68DW-R1 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 68DW-R1
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

68DW-R1 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  68DW-R1 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 68DW-R1 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
68DW-R1 SERIES
Rev:1.0 2019/01/03
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Voltage
1600
V
dc
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
330
KHz
Operating
Temperature
With derating
-40
87
℃
Storage Temperature
-55
125
℃
Humidity
Non Condensing
95
%
Cooling
Natural Convection (20LFM)
Case material
Nickel coated copper with no-conductive base
MTBF
MIL-HDBK-217F@25℃
900000
Hours
Weight
17.5
g
Dimensions
31.6x20.1x10.0
mm
Recommended Test Circuit
Rev:0 2017/8/30
Part Number
Dimensions
PIN Assignment
Pin
1
2,3
9
11
14
16
22,23
Single
Remote On/Off
-Vin
NC
NC
+Vout
-Vout
+Vin
Dual
Remote On/Off
-Vin
Com
-Vout
+Vout
Com
+Vin
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load@ Vin(nom.)
±2
%
Line Regulation
±0.5
%
Load Regulation
Single
Dual(Balance Load)
±0.5
±0.5
%
Cross Regulation
Dual(25% To 100% Load)
±5
%
Ripple & Noise
Output:3-15V TYPES
BW=DC To 20MHz
100
mVp-p
Output > 15V TYPES
BW=DC To 20MHz
1% of Vout
mVp-p
Transient response
setting time
25% load step change
350
us
Short Circuit
Protection
Hiccup, automatic Recovery
68DW
-
24
S
03
R
1
A
B
C
D
E
F
A
:
Series
B
:
Input Voltage
C
:
Single(S);Dual(D)
D
:
Output Voltage
E
:
Regulated(R)
F
:
Case Type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com