Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98DW20-R3 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 98DW20-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

98DW20-R3 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  98DW20-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 98DW20-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converter
98DW20-R3 SERIES
20Watt 3KV Isolated
4:1 Input Voltage Range
Single & Dual Output
2” x 1”
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
I
nput
Voltage
Range
Nominal Input
Voltage
Output
Voltage
Range
Output
Current
Efficiency
Vdc
No-
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
mA
%TYP
98DW20-24S03R3NL
9-36
7
736
3.3
4500
84
98DW20-24S05R3NL
9-36
7
968
5
4000
86
98DW20-24S12R3NL
9-36
7
946
12
1670
88
98DW20-24S15R3NL
9-36
7
946
15
1330
88
98DW20-48S03R3NL
18-75
6
368
3.3
4500
84
98DW20-48S05R3NL
18-75
6
484
5
4000
86
98DW20-48S12R3NL
18-75
6
473
12
1670
88
98DW20-48S15R3NL
18-75
6
473
15
1330
88
98DW20-110S03R3NL
40-160
5
165
3.3
4500
82
98DW20-110S05R3NL
40-160
5
214
5
4000
85
98DW20-110S12R3NL
40-160
5
211
12
1670
86
98DW20-110S15R3NL
40-160
5
211
15
1330
86
98DW20-24D12R3NL
9-36
7
946
±12
±833
88
98DW20-24D15R3NL
9-36
7
958
±15
±667
87
98DW20-48D12R3NL
18-75
6
473
±12
±833
88
98DW20-48D15R3NL
18-75
6
479
±15
±667
87
98DW20-110D12R3NL
40-160
5
211
±12
±833
86
98DW20-110D15R3NL
40-160
5
214
±15
±667
85
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
98DW20-R3 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
Surge Voltage
(1 sec. max.)
24V models
50
Vdc
48V models
100
Vdc
110V models
170
Vdc
Input Filter
PI Type
Reflected ripple current
30
mAp-p
Remote ON/OFF
(Refer to –Vin PIN)
Positive Logic
ON : Open
3
12
Vdc
OFF: Short
0
1.2
Vdc
Input current of Ctrl PIN
0.5
0.5
mA
Remote off input current
3
mA
Rev:0 2018/10/31
FEATURES:
20 Watt Package
4:1Wide Input Voltage
100% Burned In
High Efficiency To 89%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +87℃
3 Years Warranty
Regulated Output Types
EN 50155 Approval For Railway Applications


Similar Part No. - 98DW20-R3

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
98DW20-110D15R3NL YUANDEAN-98DW20-110D15R3NL Datasheet
436Kb / 2P
DC-DC Converter
More results

Similar Description - 98DW20-R3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com