Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98DW20-R3 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 98DW20-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

98DW20-R3 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  98DW20-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 98DW20-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Voltage
Input To Output
3000
Vdc
Input(Output) To Case
1600
Vdc
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
Full load, nominal input
330
KHz
Operating
Temperature
-40
87
℃
Storage Temperature
-55
125
℃
Case Temperature
105
℃
Humidity
Non Condensing
5
95
%
Cooling
Natural Convection (20LFM)
Case material
Six-side shield case
MTBF
MIL-HDBK-217F@25℃
1500000
Hours
Weight
30
g
Dimensions
50.8x25.4x10.6
mm
Recommended Test Circuit
98DW20-R3 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
Part Number
Dimensions
PIN Assignment
Pin
1
2
3
4
5
6
Single
+Vin
-Vin
+Vout
Trim
-Vout
Remote ON/OFF
Dual
+Vin
-Vin
+Vout
COM
-Vout
Remote ON/OFF
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±2
%
Short Circuit
Protection
Continuous ,
Auto-Recovery
Output Power
Protection
Continuous ,
Auto-Recovery
120
170
%
Over Voltage
Protection
3.3Vdc
3.7
5.4
Vdc
5Vdc
5.6
7.0
Vdc
12Vdc
13.5
19.6
Vdc
15Vdc
16.8
20.5
Vdc
Line Regulation
Nominal Input Voltage
±0.5
%
Load Regulation
Single output models
±0.5
%
Dual output models
±5
%
Ripple & Noise
(BW=DC To 20MHz
Measured with a
10uF MLCC.)
3.3V&5.0V models
75
mVp-p
Other models
100
mVp-p
Start up time
Nominal Input Voltage
30
ms
Transient response
setting time
25% load step change
350
us



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com