Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920PEP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN920PEP
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920PEP Datasheet(HTML) 2 Page - STMicroelectronics

  VN920PEP Datasheet HTML 1Page - STMicroelectronics VN920PEP Datasheet HTML 2Page - STMicroelectronics VN920PEP Datasheet HTML 3Page - STMicroelectronics VN920PEP Datasheet HTML 4Page - STMicroelectronics VN920PEP Datasheet HTML 5Page - STMicroelectronics VN920PEP Datasheet HTML 6Page - STMicroelectronics VN920PEP Datasheet HTML 7Page - STMicroelectronics VN920PEP Datasheet HTML 8Page - STMicroelectronics VN920PEP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
VN920PEP
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (TOP VIEW)
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 40
A
IIN
DC Input Current
+/- 10
mA
VCSENSE
Current Sense Maximum Voltage
-3
+15
V
V
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω;
C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
Ptot
Power Dissipation TC≤25°C
96
W
Tj
Junction Operating Temperature
Internally limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
TSTG
Storage Temperature
- 55 to 150
°C
IS
IGND
VCC
VCC
VSENSE
OUTPUT
IOUT
CURRENT SENSE
ISENSE
INPUT
IIN
VIN
VOUT
GND
1
2
3
4
5
6
OUTPUT
OUTPUT
OUTPUT
OUTPUT
INPUT
NC
GND
VCC
24
23
22
21
20
19
NC
NC
OUTPUT
OUTPUT
TAB = VCC
7
8
9
10
11
12
OUTPUT
OUTPUT
OUTPUT
OUTPUT
NC
VCC
NC
CURRENT SENSE
18
17
16
15
14
13
NC
NC
OUTPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com