Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920PEP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN920PEP
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920PEP Datasheet(HTML) 1 Page - STMicroelectronics

  VN920PEP Datasheet HTML 1Page - STMicroelectronics VN920PEP Datasheet HTML 2Page - STMicroelectronics VN920PEP Datasheet HTML 3Page - STMicroelectronics VN920PEP Datasheet HTML 4Page - STMicroelectronics VN920PEP Datasheet HTML 5Page - STMicroelectronics VN920PEP Datasheet HTML 6Page - STMicroelectronics VN920PEP Datasheet HTML 7Page - STMicroelectronics VN920PEP Datasheet HTML 8Page - STMicroelectronics VN920PEP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
March 2004 - Revision 1.5 (Working document)
1/10
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
UNDERVOLTAGE
OVERTEMPERATURE
VCC
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
VCC
CLAMP
VDS LIMITER
DETECTION
DETECTION
DETECTION
K
IOUT
CURRENT
SENSE
VN920PEP
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
s
CMOS COMPATIBLE INPUT
s
PROPORTIONAL LOAD CURRENT SENSE
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUTDOWN
s
CURRENT LIMITATION
s
PROTECTION AGAINST LOSS OF GROUND
AND LOSS VCC
s
VERY LOW STAND-BY POWER DISSIPATION
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN920PEP is a monolithic device designed in
STMicroelectronics VIPower M0-3 Technology,
intended for driving any kind of load with one side
connected to ground. Active VCC pin voltage
clamp protects the device against low energy
spikes
(see
ISO7637
transient
compatibility
table). Active current limitation combined with
thermal shutdown and automatic restart protect
the
device
against
overload.
The
device
integrates an analog current sense output which
delivers a current proportional to the load current.
Device automatically turns off in case of ground
pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VN920PEP
15m
Ω
30 A
36 V
PowerSSO-24
ORDER CODES
PACKAGE
TUBE
T&R
PowerSSO-24
VN920PEP
VN920PEP13TR
BLOCK DIAGRAM
(*) See application schematic at page 8
TARGET SPECIFICATION


Similar Part No. - VN920PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920PEP-E STMICROELECTRONICS-VN920PEP-E Datasheet
427Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Mar-2005
VN920PEP.E STMICROELECTRONICS-VN920PEP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN920PEPTR-E STMICROELECTRONICS-VN920PEPTR-E Datasheet
427Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Mar-2005
More results

Similar Description - VN920PEP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Sep-1999
VN920 STMICROELECTRONICS-VN920 Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
Single-channel high-side solid state relay
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com