Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6361 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6361
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6361 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6361 Datasheet HTML 1Page - DISCO Corporation DFD6361 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enhanced dicing throughput
The DFD6361 enhances throughput in two distinct ways. DISCO’s facing dual
design and a reduction in distance between the blades help to control total cut
time, while high-magnification microscopes (standard) and non-contact setup
sensors (option) for both Z1 and Z2 reduce the time required for non-dicing
sequences, such as kerf check and blade setup.
Consistent cut quality
DFD6361 offers highly consistent and dependable cut quality through the new
Synchro SpindleTM featuring superior radial rigidity. An atomizing nozzle
cleaning mechanism can also be installed in the spinner unit as an option to
effectively clean wafers after dicing (Patent no.3410385).
DFD6361
Advanced performance for 300 mm dicing
Fully Automatic Dicing Saw
Improved usability
The spindle shaft-lock feature and auto-open/close wheel cover
make blade changes easy and quick.
Condition monitoring functions relay processing status and key
equipment information in real time.
The cutting water flow rate controller is programmable via the
touch-panel display and sets the flow rate for each process recipe.
The easy-to-use graphical user interface is displayed on an
adjustable touch-panel display.
Adjustable LCD
Control screen
Condition monitor screen
LCD touch screen
Small footprint
The bridge-type frame structure and improved wafer handling
system contribute to the compact size and small footprint of the
DFD6361.
Spindle lineup
The 1.2 kW spindle (standard) features superior rigidity.
A center thrust design gives the 1.8 kW spindle (option,
uses 2 ” blades) and the 2.2 kW spindle (option, uses 3 ”
blades) extra rigidity for processing glass, ceramics, and
other high processing load materials.


Similar Part No. - DFD6361

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6361

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6363 DISCO-DFD6363 Datasheet
466Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com