Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFD6361 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFD6361
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6361 Datasheet(HTML) 2 Page - DISCO Corporation

  DFD6361 Datasheet HTML 1Page - DISCO Corporation DFD6361 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fully Automatic Dicing Saw
DFD6361
2016.1
Specifications
DFD6340 Operation flow
[1]
Frame pick arm moves the workpiece from the cassette to the pre-
alignment stage →
[2]
After centering on the pre-alignment stage, the lower arm moves the
workpiece to the chuck table → table → cutting →
[3]
Upper arm moves the workpiece to the spinner table
→ cleaning and drying →
[4]
Lower arm moves the workpiece to the pre-alignment stage →
[5]
Frame pick arm returns the workpiece to the cassette
Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Upper arm
Lower arm
Spinner
table
Bridge-type frame
structure
Chuck
table
Pre-alignment
stage
Cassette
elevator
[1]
[2]
[3]
[4]
[5]
Frame pick arm
Unit
1.2, 1.8 kW
2.2 kW
mm
Cutting range
mm
Cutting speed
mm/sec
Cutting range
mm
Index step
mm
Index positioning
accuracy
mm
Max. stroke
mm
14.7
(For φ2″blade)
14.9
(For φ3″blade)
Moving resolution
mm
Repeatability
accuracy
mm
θ-axis
Max. rotating
angle
deg
Rated torque
N・m
0.19(1.2 kW)
0.29(1.8 kW)
0.7
Revolution speed
range
min
-1
6,000 - 60,000
3,000 - 30,000
mm
kg
Specification
φ
300
X-axis
310
0.1 - 600
Workpiece size
Machine weight
Y1・Y2
-axis
Machine
dimensions(W×D×H)
310
0.0001
0.001
Approx.2,050
Z-axis
0.002/310
(Single error)0.002/5
0.00005
380
Spindle
1,200 × 1,550 × 1,800
www.disco.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com