Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT84AS003TP-EB Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT84AS003TP-EB
Description  10-bit 1.5 Gsps ADC With 1:4 DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AS003TP-EB Datasheet(HTML) 2 Page - ATMEL Corporation

  AT84AS003TP-EB Datasheet HTML 1Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 2Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 3Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 4Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 5Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 6Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 7Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AT84AS003
5403AS–BDC–10/04
The 1:4 demultiplexed digital outputs are LVDS logic compatible, allowing easy interfac-
ing with standard FPGAs or DSPs .The AT84AS003 operates at up to 1.5 Gsps, without
additional tuning of the synchronization between the ADC and DMUX.
The AT84AS003 comes in a 25 × 35 mm EBGA317 package. This package has the
same TCE as FR4 boards, offering excellent reliability when subjected to large thermal
variations.
Figure 1. Block Diagram
VIN
VINN
CLK/CLKN
20
Port A
20
Port B
20
Port C
20
Port D
S/H
2
Demultiplexer
1:2 or 1:4
2
DR/DRN
GA
SDA
SDA
2
AOR/AORN
2
BOR/BORN
2
COR/CORN
2
DOR/DORN
DRRB
STAGG
ASYNRST
B/GB
PGEB
SLEEP
RS
DRTYPE
BIST



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com