Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT84AS003TP-EB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT84AS003TP-EB
Description  10-bit 1.5 Gsps ADC With 1:4 DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AS003TP-EB Datasheet(HTML) 5 Page - ATMEL Corporation

  AT84AS003TP-EB Datasheet HTML 1Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 2Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 3Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 4Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 5Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 6Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 7Page - ATMEL Corporation AT84AS003TP-EB Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AT84AS003
5403AS–BDC–10/04
Figure 2. Device Pinout
AT84AS003
2
VIN, VINN
CLK, CLKN
DRRB
CLKDACTRL
SLEEP
STAGG
CLKTYPE
RS
DAEN
BIST
DRTYPE
DAI, DAIN
2
2
2
[A0…A9]
[A0N…A9N]
DR, DRN
20
20
2
2
[B0…B9]
[B0N…B9N]
[C0…C9]
[C0N…C9N]
20
20
[D0…D9]
[D0N…D9N]
BOR, BORN
2
AOR, AORN
2
COR, CORN
2
DOR, DORN
DAO, DAON
2
DIODE ADC
AGND
-5V
2.5V
-2.2V 3.3V
DIODE DMUX
ASYNCRST
SDAEN
SDA
GA
PGEB
B/GB
DGND
DACTRL
3.3V
VCCA
VEE
VMINUSD VCCD
VPLUSD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com