Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM2800 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFM2800
Description  Fully Automatic Multifunction Wafer Mounter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFM2800 Datasheet(HTML) 1 Page - DISCO Corporation

  DFM2800 Datasheet HTML 1Page - DISCO Corporation DFM2800 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Realizes high yield thin wafer processing
The DFM2800 is a specialized wafer mounter for inclusion in an inline
system with a backgrinder to process ø300
m ultra-thin wafers. It
mounts wafers that have been thinned with the DGP8761 system onto
dicing tape or tape frames and removes the front side protection tape
in a stable process. It also supports the attachment of DAF with
integrated dicing tape, which is necessary for next generation SiP
(System in Package) manufacturing
.
Supports ultrathin wafers less than 25
m
thick
To support the thinning requirements of ø300
m wafers less than 25
μ
m thick, the breakage risk of ultra-thin wafers is minimized by
reducing the number of wafer handling steps to only twenty percent
that of the existing unit. In addition, a cleaning mechanism has been
installed at each handling pad/table to prevent wafer breakage caused
by particle intrusion.
DFM2800
Realizes faster processing of ultrathin wafers
Fully Automatic Multifunction Wafer Mounter
High throughput
By optimizing each handling unit, an approximate 50 % increase* is
realized in the maximum throughput for continuous operation. This
greatly contributes to an improvement in productivity. (Compared to the
DFM2700)
*The actual throughput depends on the wafer mount process time and surface protection tape
peeling time.
Robust options to support various needs
Robot/single load port unit when using the DFM2800 as a stand-
alone unit
Internal precut mechanism for dicing tape
Adhesion tape peeling mechanism for surface protection tape
Wafer surface ID recognition mechanism (vision system) for
barcode control after wafer mounting
Easy operation
While the equipment operation method is inherited from the DFM2700,
the screen size is larger with better visibility to for a user-friendly and
easy to understand operational environment. Furthermore, in an in-line
system with a DGP8761, the DFM2800 is even easier to use because
of unified management, which makes recipe selection and start/stop on
the DFM2800 possible from the DGP8761.
DGP8761
DFM2800


Similar Part No. - DFM2800

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000 Datasheet
152Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
Fast Recovery Diode Module
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_15 Datasheet
239Kb / 6P
Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000 Datasheet
250Kb / 6P
Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
Fast Recovery Diode Module
More results

Similar Description - DFM2800

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
AD2000T ACCRETECH-AD2000T Datasheet
663Kb / 2P
FULLY AUTOMATIC DICING MACHINE
AD3000T ACCRETECH-AD3000T Datasheet
578Kb / 2P
FULLY AUTOMATIC DICING MACHINE
logo
DISCO Corporation
DDS2310 DISCO-DDS2310 Datasheet
432Kb / 2P
Fully Automatic Die Separator
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFG8640 DISCO-DFG8640 Datasheet
445Kb / 2P
Fully Automatic Grinder
DFG8830 DISCO-DFG8830 Datasheet
376Kb / 2P
Fully Automatic Grinder
DFP8140 DISCO-DFP8140 Datasheet
349Kb / 2P
Fully Automatic Polisher
DFP8141 DISCO-DFP8141 Datasheet
403Kb / 2P
Fully Automatic Polisher
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com