Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM2800 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFM2800
Description  Fully Automatic Multifunction Wafer Mounter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFM2800 Datasheet(HTML) 2 Page - DISCO Corporation

  DFM2800 Datasheet HTML 1Page - DISCO Corporation DFM2800 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Fully Automatic Multifunction Wafer Mounter
DFM2800
DFM2800 Operation flow
[1] Workpiece reception from the grinder
[2] UV irradiation to the front side protection tape on the workpiece
(when the UV tape is used)
[3] Workpiece transfer to the inspection table (when inspection is
needed)
[4] Alignment using image processing
[5] Workpiece mounting with dicing tape or 2 in 1 DAF tape
[6] Front side protection tape peeling from the workpiece
[7] Tape frame storage (with mounted workpiece) in the
cassette
Specifications
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1 ppm. Filtration rating: 0.01 μm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening,
heat generation equipment or oil mist generating parts.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications. Please confirm when placing your order.
* For further information, please contact your local sales representative.
2014.11
Unit
mm
φ
200/φ300
mm
±0.5 or less
deg
±0.5 or less
mm
±1.0 or less
mm
2,150×2,643×1,800
kg
Approx.3,100
Machine weight
Machine dimensions(W×D×H)
Wafer attachment precision and
θ direction (frame mount)
Dicing tape attachment precision and
X/Y direction
Specification
Wafer Diameter
Wafer attachment precision and
X/Y direction (frame mount)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com