Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT84CS001TP-EB Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT84CS001TP-EB
Description  10-BIT 1:2/4 2.2GHz LVDS DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84CS001TP-EB Datasheet(HTML) 4 Page - ATMEL Corporation

  AT84CS001TP-EB Datasheet HTML 1Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 2Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 3Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 4Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 5Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 6Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 7Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AT84CS001
5402AS–BDC–11/04
Pin Description
Table 2. Pin Description
Symbol
Pin Number
Function
Power Supplies
V
CCD
C12, C10, C8, C3, D12, D10,
D8, D5, D4, D3, E4, E17, E16,
G17, G16, G4, G3, J17, J16,
K16, K4, K3, L17, L16, N17,
N16, R16, T17, T16, T12, T10,
T8, T5, T4, T3, U12, U1, U8, U3
Digital 3.3V supply
V
PLUSD
C15, C14, C13, C11 C9, C7,
C6, C5, C4, D13, D11, D9, D7,
D6, E3, J4, J3, L4, L3, N4, N3,
R4, R3, T14, T13, T11, T9, T7,
T6, U15, U14, 13, U11, U9, U7,
U6, U5, U4
Output 2.5V supply
DGND
C18, C17, C16, D17, D14, F17,
F16, F4, F3, H17, H16, H4, H3,
K17, M17, M16, M4, M3, P17,
P16, P4, P3, R17, T15, U19,
U18, U17, U16
Ground
Digital Inputs
I0, I1, I2, I3, I4, I5, I6, I7, I8, I9
D19, E19, F19, G19, J19, K19,
L19, M19, N19, P19
In-phase (+) digital input signal
I0N, I1N, I2N, I3N, I4N, I5N,
I6N, I7N, I8N, I9N
D18, E18, F18, G18, J18, K18,
L18, M18, N18, P18
Inverted phase (-) digital input signal
IORN
B18
In-phase (+) digital input signal additional bit
IOR
B19
Inverted phase (-) digital input signal for additional bit
DAI
T18
In-phase (+) input signal for standalone delay cell
DAIN
T19
Inverted phase (-) input signal for standalone delay cell
Clock Inputs
CLK
H19
In-phase (+) clock input
CLKN
H18
Inverted phase (-) clock input
Digital Outputs
A0, A1, A2, A3, A4, A5, A6, A7,
A8, A9
B16, B15, B14, B13, B12, B11,
B10, B9, B8, B7
In-phase (+) digital outputs for port A
A0 is the LSB, A9 is the MSB
A0N, A1N, A2N, A3N, A4N,
A5N, A6N, A7N, A8N, A9N
A16, A15, A14, A13, A12, A11,
A10, A9, A8, A7
Inverted phase (-) digital outputs for port A
AOR/DRAN
B6
In-phase (+) additional bit output for port A or inverted phase
(-) output clock in staggered mode for port A
AORN/DRA
A6
Inverted phase (-) additional bit output for port A or in-phase (+)
output clock in staggered mode for port A
B0, B1, B2, B3, B4, B5, B6, B7,
B8, B9
B5, B4, B3, B2, C2, D2, E2, F2,
G2, H2
In-phase (+) digital outputs for port B
B0 is the LSB, B9 is the MSB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com