Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT84CS001TP-EB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT84CS001TP-EB
Description  10-BIT 1:2/4 2.2GHz LVDS DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84CS001TP-EB Datasheet(HTML) 5 Page - ATMEL Corporation

  AT84CS001TP-EB Datasheet HTML 1Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 2Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 3Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 4Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 5Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 6Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 7Page - ATMEL Corporation AT84CS001TP-EB Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AT84CS001
5402AS–BDC–11/04
B0N, B1N, B2N, B3N, B4N,
B5N, B6N, B7N, B8N, B9N
A5, A4, A3, A2, B1, C1, D1, E1,
F1, G1
Inverted phase (-) digital outputs for port B
BOR/DRBN
J2
In-phase (+) additional bit output for port B or inverted phase
(-) output clock in staggered mode for port B
BORN/DRB
H1
Inverted phase (-) additional bit output for port B or in-phase (+)
output clock in staggered mode for port B
C0, C1, C2, C3, C4, C5, C6,
C7, C8, C9
M2, N2, P2, R2, T2, U2, V2,
W2, V3, V4
In-phase (+) digital outputs for port C
C0 is the LSB, C9 is the MSB
C0N, C1N, C2N, C3N, C4N,
C5N, C6N, C7N, C8N, C9N
L1, M1, N1, P1, R1, T1, U1, V1,
W3, W4
Inverted phase (-) digital outputs for port C
COR/DRCN
V5
In-phase (+) additional bit output for port C or inverted phase
(-) output clock in staggered mode for port C
CORN/DRC
W5
Inverted phase (-) additional bit output for port C or in-phase (+)
output clock in staggered mode for port C
D0, D1, D2, D3, D4, D5, D6,
D7, D8, D9
V6, V7, V8, V9, V10, V11, V12,
V13, V14, V15
In-phase (+) digital outputs for port D
D0 is the LSB, D9 is the MSB
D0N, D1N, D2N, D3N, D4N,
D5N, D6N, D7N, D8N, D9N
W6, W7, W8, W9, W10, W11,
W12, W13, W14, W15
Inverted phase (-) digital outputs for port D
DOR/DRDN
V16
In-phase (+) additional bit output for port D or inverted phase
(-) output clock in staggered mode for port D
DORN/DRD
W16
Inverted phase (-) additional bit output for port D or in-phase (+)
output clock in staggered mode for port D
DR
J1
In-phase (+) data ready signal output
DRN
K2
Inverted phase (-) data ready signal output
DAO
R18
In-phase (+) output signal for standalone delay cell
DAON
R19
Inverted phase (-) output signal for standalone delay cell
Additional Functions
ASYNCRST
B17
Asynchronous reset signal
CLKTYPE
V18
Input clock type selection signal
DRTYPE
K1
Output clock type selection signal
CLKDACTRL
V19
Clock delay cell control signal
DACTRL
W18
Standalone delay cell control signal
DAEN
W17
Standalone delay cell enable signal
RS
L2
Ratio selection signal
SLEEP
A18
Sleep mode enable
STAGG
A17
Staggered output mode selection signal
BIST
V17
Built-in self test enable
DIODE
C19
Diode for die junction temperature monitoring
Table 2. Pin Description (Continued)
Symbol
Pin Number
Function



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com