Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XYZAXFUSIONNEX Datasheet(PDF) 4 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXFUSIONNEX
Description  Coordinate Measuring Machine that has accomplished internal evolution to further
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXFUSIONNEX Datasheet(HTML) 4 Page - TOKYO SEIMITSU CO., LTD

  XYZAXFUSIONNEX Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
TOKYO SEIMITSU
Specifications
Model
XYZAX FUSION NEX
7/5/5
9/6/6 9/10/6
9/15/6
10/10/6 10/12/6 10/15/6 10/10/8 10/12/8 10/15/8 12/15/10 12/20/10
12/25/10
Measuring
range
X-axis (mm)
650
850
1000
1200
Y-axis (mm)
500
600
1000
1500
1000
1200
1500
1000
1200
1500
1500
2000
2500
Z-axis (mm)
450
600
800
1000
Measuring length scale
Linear scale system
Minimum display value (μm)
0.01 (0.1 when using TP200)
Measuring
accuracy
with
VAST XT
gold
Max. permissible indication error
MPEE (μm)
L is the distance between
any two points (mm)
1.6 + 3L/1000
(Temperature
conditionA)
2.1 + 3L/1000
(Temperature
condition A)
2.1 + 5L/1000
(Temperature condition C)
2.6 + 5L/1000
(Temperature condition A)
3.2 + 5L/1000
(Temperature
condition A)
4.0 + 5L/1000
(Temperature
condition A)
1.6 + 4L/1000
(Temperature
condition C)
2.1 + 4L/1000
(Temperature
condition C)
Max. permissible probing error
MPEP (μm)
1.6
(Temperature
condition A and C)
2.1
(Temperature
condition A and C)
2.1
(Temperature
condition C)
2.4
(Temperature
condition A)
2.9
(Temperature
condition A)
4.0
(Temperature
condition A)
Max. permissible scanning error
MPETHP (μm)
2.1 (Note 1), 5.3 (Note 2)
(Temperature condition A and C)
2.1 (Note 1)
(Temperature
condition C)
2.5 (Note 1)
(Temperature
condition A)
3.5 (Note 1)
(Temperature
condition A)
4.5 (Note 1)
(Temperature
condition A)
Table
Material
Gabbro
Usable width (X) (mm)
800
1000
1150
1370
Usable depth (Y) (mm)
1270
1370
1810
2410
1910
2110
2310
1910
2110
2410
3010
3510
Height from floor (mm)
725
600
650
Flatness
JIS Class 1
Workpiece
Max. height (mm)
620
770
970
1170
Max. weight (kg)
400
800
1000
1500
1000
1200
1500
1000
1200
1500
1000
Driving
speed
Max. acceleration (mm/s2)
1200
700
Variable speed range (mm/sec)
CNC measurement mode: 0.01 to 425 (stepless variable)
Joystick mode: 0 to 120 (stepless variable)
Guide system of each axis
Air bearing
Air supply
Supply pressure/working pressure (MPa)
0.49 to 0.69/0.39
Air consumption (NL/min)
40
60
65
Power supply Voltage (V/%), consumption (VA)
AC100 ±10 (grounding required), 1500
Temperature condition: A Temperature condition: B
Ambient temperature (°C)
18 to 22
16 to 26
Common condition
Temperature change (°C/hour)
1.0
Temperature change (°C/day)
2.0
5.0
Temperature gradient (°C/m)
1.0
Model
XYZAX FUSION NEX
7/5/5
9/6/6
9/10/6
9/15/6
10/10/6
10/12/6
10/15/6
10/10/8
10/12/8
10/15/8 12/15/10 12/20/10 12/25/10
Outer diameter
dimension (mm)
Width
1415
1615
1765
1965
Depth
1440
1540
1980
2580
2080
2280
2480
2080
2280
2480
2580
3180
3680
Height
2458
2658
2933
3333
3383
Machine height at transport (mm)
2050
2200
2260
2460
2510
Weight (kg)
1450
1600
2700
3500
3150
3350
3500
3200
3400
3700
4500
6300
7700
*Measuring accuracy is evaluated based on MPEE and MPEP in accordance with
JIS B 7440-2:2003 (ISO 10360-2:2001).
*MPETHP is used for evaluation in accordance with JIS B 7440-4:2003 (ISO 10360-4:2001).
*MPEE and MPEP are values when the following standard stylus is used.
*VAST-XT-gold: A stylus with the tip diameter as 8 mm and the length as 63.5 mm.
Note 1 : The accuracy is when a stylus diameter of Tip Φ 3 mm, Length 32 mm is used.
Note 2 : The accuracy is when a stylus diameter of Tip Φ 3 mm,
Length 32 mm and a thermofit extension length of 300 mm are used.
*Be sure to check the height of passageways, and, in particular, the height of doors and other openings to be used when the ma chine is delivered. The height of openings needs to be the
machine height at transport plus about 200 mm to allow for the dollies used to move the machines.
*Controller and computer rack are also included.
External View and Dimensions FUSION NEX
X
Y
Depth
Width
● Models that can be modified to lower the stand or shorten the Z-axis stroke to reduce the installation height are
also available. Contact us for details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com