Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XYZAXFUSIONNEX Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # XYZAXFUSIONNEX
Description  Coordinate Measuring Machine that has accomplished internal evolution to further
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

XYZAXFUSIONNEX Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  XYZAXFUSIONNEX Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 3Page - TOKYO SEIMITSU CO., LTD XYZAXFUSIONNEX Datasheet HTML 4Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
TOKYO SEIMITSU
FUSION NEX 9/10/6
Coordinate Measuring Machine that has
accomplished internal evolution to further
demonstrate its overwhelmingly high actual
accuracy and active scanning technology
Highest-in-class guaranteed accuracy
Maximum Permissible Indication Error (MPEE) 1.6 + 3L/1000 μm
Greatly improved probing stability
Maximum Permissible Probing Error (MPEP) 1.6 μm
Active Scanning Probe
Incorporates VAST XT gold
Incorporates stylus auto change function
as a standard feature
Light weight with optimized A.V.D*
mechanism and FRP cover
*Anti Vibration Drive
Rotary probe PH10T/M provided as an option
Evolving software Calypso
XYZAX
FUSION NEX
Dedicated catalog is available.
Coordinate Measuring Machine
XYZAX FUSION NEX


Similar Part No. - XYZAXFUSIONNEX

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
XYZAXAXCEL ACCRETECH-XYZAXAXCEL Datasheet
778Kb / 2P
High speed, high accuracy and high resistance to environment
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
XYZAXSVANEX ACCRETECH-XYZAXSVANEX Datasheet
521Kb / 4P
Redesigning the long-selling SVA series from scratch enhances the high-accuracy furthermore
More results

Similar Description - XYZAXFUSIONNEX

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L2330 LODEV-L2330 Datasheet
295Kb / 14P
Coordinate Transformer
logo
Asahi Kasei Microsystem...
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
321Kb / 6P
The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
logo
Crydom Inc.,
CC4850W3V CRYDOM-CC4850W3V Datasheet
1Mb / 6P
EVOLUTION DUAL SERIES
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
Machine to machine
logo
TOKYO SEIMITSU CO., LTD
LINELASERSENSOR ACCRETECH-LINELASERSENSOR Datasheet
377Kb / 2P
Non-contact sensor for CNC coordinate measuring machines that has enabled high-speed measurement
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
Murata Manufacturing Co...
BLM18EG181SH1 MURATA1-BLM18EG181SH1_V01 Datasheet
286Kb / 3P
BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18EG331TH1 MURATA1-BLM18EG331TH1_V01 Datasheet
253Kb / 3P
BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
BLM18HD471SH1 MURATA1-BLM18HD471SH1_V01 Datasheet
244Kb / 4P
BLM18H series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com