Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT317 Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT317
Description  75W PBTL/30W BTL Class D Audio Amplifier with AM Suppression
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT317 Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT317 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT317
立体声 D 类音频功放
版权所有
©2018, 嘉兴禾润电子科技有限公司
-1-
1/2018 – V0.5
具有AM抑制功能的75W PBTL/30W BTL D类音频功放
特点
・输出功率(BTL模式)
2×30W (VDD=24V, RL=8Ω, THD+N=1%)
2×23W (VDD=14V, RL=4Ω, THD+N=10%)
・输出功率(PBTL模式)
75W (VDD=24V, RL=4Ω, THD+N=10%)
・单电源系统,4.5V-26V宽电压输入范围
・超过90%效率,无需散热器
・可设置功率限制功能(PLIMT)以及AGC功能
・过温限幅功能
・模拟差分/单端输入,输出模式立体声/单声道可选
・多重开关频率选择,具有AM抑制功能。
・保护功能:过压/过流/过热/欠压异常,直流检测
和短路保护
・无铅无卤封装,TSSOP28-PP
应用
・条形音箱
・无线智能音箱
・便携式音箱
・消费类音频应用
・拉杆音箱
・LCD电视/监视器
概述
HT317是一款高效D类音频功率放大器。在24V
供电的立体 声(
BTL ) 模式下,能 够持续提供
2*30W/8Ω功率输出;在单声道(PBTL)模式下,能
够持续提供
75W/4Ω功率输出。
HT317具有丰富的功率限制功能,以满足各类应
用。一种是限幅功能(
PLIMT),即在输出端限制其最
大输出摆幅低于设定值,可避免意外的超额输出功率
损坏喇叭。另一种为自动增益控制功能(
AGC),开
启后,可有效改善因输入幅度过大或者电源电压降低
造成的破音失真。
HT317具有过温限幅功能(TFB),在高功率输出、
高环境温度等条件下导致芯片内温度较高时,芯片自
动降低系统增益,避免芯片进入过温关断保护功能,
使其能够连续播放而不间断。
HT317还具有多开关频率可选,以抑制AM干扰。
此外,
HT317内置关断功能使待机电流最小化,
还集成了过压保护、直流保护、短路保护、热保护和
电源欠压异常保护等功能,可全面防止出现故障。
简化应用图


Similar Part No. - HT317

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HT3100 SCHNEIDER-HT3100 Datasheet
116Kb / 2P
3P 600V 100A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3125 SCHNEIDER-HT3125 Datasheet
110Kb / 2P
3P 600V 125A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
HT3150 SCHNEIDER-HT3150 Datasheet
114Kb / 2P
3P 600V 150A H-FRAME MOULDED CASE CIRCUIT BREAKER TRIP UNIT
Apr 19, 2021
logo
Shenzhenshi YONGFUKANG ...
HT318 YONGFUKANG-HT318 Datasheet
2Mb / 22P
75W PBTL/40W BTL Class D Audio Amplifier with AM Suppression
HT318SQER YONGFUKANG-HT318SQER Datasheet
2Mb / 22P
75W PBTL/40W BTL Class D Audio Amplifier with AM Suppression
More results

Similar Description - HT317

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7250BP TOSHIBA-TA7250BP Datasheet
490Kb / 11P
30W BTL AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
ON Semiconductor
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
HT318 YONGFUKANG-HT318 Datasheet
2Mb / 22P
75W PBTL/40W BTL Class D Audio Amplifier with AM Suppression
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com