Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT317 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT317
Description  75W PBTL/30W BTL Class D Audio Amplifier with AM Suppression
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT317 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT317 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT317 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HT317
立体声 D 类音频功放
版权所有
©2018, 嘉兴禾润电子科技有限公司
-2-
1/2018 – V0.5
引脚信息与引脚定义
1
\SD
INA+
INA-
PVDD
PVDD
OUTA+
TSSOP28L-PP Top View
PLIMT
GVDD
GAIN
LIM
BSB-
BSA-
OUTA-
BSA+
PVDD
GGND
INB-
OUTB+
OUTB-
INB+
AM0
MUTE
AVDD
PGND
PVDD
BSB+
PVDD
PVDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
AM1
Pin No.
Name
I/O*1
Description
1
SD
I
关断控制输入端,低电平芯片处于低功耗状态,高电平正常工作
2
INA+
I
A通道音源输入正端
3
INA-
I
A通道音源输入负端
4
PLIMT
I
限幅值设置端
5
GVDD
O
内部整流输出,接1uF电容到地
6
GAIN
I
系统增益设置端
7
LIM
I
限幅功能选择
8
GGND
G
逻辑地
9
INB-
I
B通道音源输入负端
10
INB+
I
B通道音源输入正端
11
AM0
I
调制频率设置端
12
AM1
I
调制频率设置端
13
MUTE
I
静音控制,低电平芯片正常工作
14
AVDD
P
模拟电源供电端
15,16,17
PVDD
P
功率电源供电端
18
BSB+
BST
Boot Strap端,接220nF电容到OUTB+
19
OUTB+
O
B通道输出正端
20
OUTB-
O
B通道输出负端
21
BSB-
BST
Boot Strap端,接220nF电容到OUTB-
22
BSA-
BST
Boot Strap端,接220nF电容到OUTA-
23
OUTA-
O
A通道输出负端
24
OUTA+
O
A通道输出正端
25
BSA+
BST
Boot Strap端,接220nF电容到OUTA+
26,27,28
PVDD
P
功率电源
PAD
PGND
G
功率地
注
1:I: 输入端
O: 输出端
G: 地
P:功率电源
BST:BOOT Strap



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com