Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2144 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT2144
Description  HT2144 Brief Introduction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT2144 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT2144 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT2144 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT2144 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT2144 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT2144 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HT2144
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-4-
Mar. 2011 V1.0
2.1W Non-Clip Stereo Class D Audio Power Amplifier
FEATURES
Maximum output
2.1 W×2ch (VDDP=VDDA=5.0V, RL=4Ω)
0.75 W×2ch (VDDP=VDDA=3.6V, RL=8Ω)
Distortion Rate (THD+N)
0.03%(VDDP=VDDA=3.6V, RL=8Ω, Po=0.4W,1kHz)
Residual Noise
40μVrms (VDDP=VDDA=3.6V, Av=12dB)
Efficiency
84 % (VDDP=VDDA=3.6V, RL=8Ω, Po=600mW)
78 % (VDDP=VDDA=3.6V, RL=8Ω, Po=100mW)
S/N Ratio
95dB (VDDP=VDDA=3.6V, Av=12dB)
Channel separation
95dB (VDDP=VDDA=3.6V, RL=8Ω, Av=18dB, 1kHz)
Over-current Protection function
Thermal Protection function
Low voltage Malfunction Prevention function
2ch independent power-down control function
Power-down High speed Recovery function
Package
Lead-free 20-pin QFN
Lead-free 20-pin TSSOP
Pb-Free Package, TSSOP-20, QFN-20
APPLICATIONS
Portable Speakers, USB Speakers, FM Speakers
MP3/MP4
Portable Gamers, Digital Photo Frame
Mobile Phone, Notebook PC
Small Size LCD TV/Monitors
GENERAL DESCRIPTION
HT2144 is a digital audio power amplifier IC with
maximum output of 2.1W (RL=4Ω)×2ch.
HT2144 has a “Pure Pulse Direct Speaker Drive
Circuit” which directly drives speakers while
reducing distortion of pulse output signal and
reducing noise on the signal, and realizes the
highest standard low distortion rate characteristics
and low noise characteristics among digital
amplifier ICs for mobile use.
In addition, circuit design with fewer external parts
can be made depend on the condition of use
because corresponds to filter less.
The HT2144 features Heroic original non-clip
output control function which detects output signal
clip due to the over level input signal and suppress
the output signal clip automatically. Also the
non-clip output control function can adapt the
output clip caused by power supply voltage down
with battery. This is the difference from the
traditional AGC (Auto Gain Control) or ALC (Auto
Level Control) circuit. Attack time and release time
can be freely set by external resistances or
capacitances.
The independent power-down function for L
channel and R channel minimizes consumption
current at standby. As for protection function, over
current protection function for speaker output
terminal, over temperature protection function for
inside of the device, and low supply voltage
malfunction preventing function are prepared.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com