Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CB Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1002CB
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CB Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1002CB Datasheet HTML 1Page - STMicroelectronics STTH1002CB Datasheet HTML 2Page - STMicroelectronics STTH1002CB Datasheet HTML 3Page - STMicroelectronics STTH1002CB Datasheet HTML 4Page - STMicroelectronics STTH1002CB Datasheet HTML 5Page - STMicroelectronics STTH1002CB Datasheet HTML 6Page - STMicroelectronics STTH1002CB Datasheet HTML 7Page - STMicroelectronics STTH1002CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH1002C
2/8
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage
current
Tj = 25°C
VR =VRRM
5µA
Tj = 125°C
340
VF**
Forward voltage drop
Tj = 25°C
IF =5 A
1.1
V
Tj = 25°C
IF =10 A
1.25
Tj = 150°C
IF =5 A
0.78
0.89
Tj = 150°C
IF =10 A
1.05
Pulse test: * tp = 5ms,
δ <2%
** tp = 380µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P = 0.73 x IF(AV) + 0.032 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25°C
IF =1A VR = 30V
dIF/dt = 100 A/µs
20
25
ns
IRM
Reverse
recovery current
Tj = 125°C
IF =5A VR = 160V
dIF/dt = 200 A/µs
5.9
7.6
A
tfr
Forward
recovery time
Tj = 25°C
IF =5A dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
110
ns
VFP
Forward
recovery voltage
Tj = 25°C
IF =5A dIF/dt = 100 A/µs
2.4
V
DYNAMIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Maximum
Unit
Rth (j-c)
Junction to case
TO-220AB / I
2PAK / D2PAK
/ DPAK
Per diode
4.0
°C/W
Per device
2.5
TO-220FPAB
Per diode
6.5
Per device
5
Rth (j-c)
Coupling
TO-220AB / I
2PAK / D2PAK / DPAK
1.0
°C/W
TO-220FPAB
3.5
When the diodes 1 and 2 are used simultaneously:
∆ Tj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
THERMAL PARAMETERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com