Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1002CB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1002CB
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CB Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1002CB Datasheet HTML 1Page - STMicroelectronics STTH1002CB Datasheet HTML 2Page - STMicroelectronics STTH1002CB Datasheet HTML 3Page - STMicroelectronics STTH1002CB Datasheet HTML 4Page - STMicroelectronics STTH1002CB Datasheet HTML 5Page - STMicroelectronics STTH1002CB Datasheet HTML 6Page - STMicroelectronics STTH1002CB Datasheet HTML 7Page - STMicroelectronics STTH1002CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTH1002C
5/8
PACKAGE MECHANICAL DATA
DPAK
6.7
6.7
3
3
1.6
1.6
2.3
2.3
FOOTPRINT
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max
Min.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.018
0.023
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.251
0.259
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.397
L2
0.80 typ.
0.031 typ.
L4
0.60
1.00
0.023
0.039
V2
0°
8°
0°
8°
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH1002CB
STTH1002CB
DPAK
0.3 g
75
Tube
STTH1002CB-TR
STTH1002CB
DPAK
0.3 g
2500
Tape & reel
STTH1002CT
STTH1002CT
TO-220AB
2.23 g
50
Tube
STTH1002CG
STTH1002CG
D
2PAK
1.48 g
50
Tube
STTH1002CG-TR
STTH1002CG
D
2PAK
1.48g
1000
Tape & reel
STTH1002CR
STTH1002CR
I
2PAK
1.49 g
50
Tube
STTH1002CFP
STTH1002CFP
TO-220FPAB
1.70 g
50
Tube



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com