Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB80P03JS Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EMB80P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB80P03JS Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EMB80P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
2015/7/15 
p.3 
EMB80P03JS
Normalized on‐Resistance v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
50
1.2
0.6
‐50
0.8
1.0
J
‐25
0
25
D
I   = ‐3A
V   = ‐10V
1.4
1.6
1.8
GS
150
100
75
125
Body Diode Forward Voltage Variation
with Source Current and Temperature
T   = 125°C
‐V   ‐ Body Diode Forward Voltage( V )
0.6
0.0001
0
0.001
0.01
SD
0.2
0.4
25°C
V    = 0V
0.1
1
10
GS
A
0.8
1.0
‐55°C
1.2
Gate Threshold Voltage v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
0
‐50
1.00
0.50
1.50
J
0
50
2.00
2.50
3.00
150
100
T   = 25°C
‐ V   ‐ Gate‐Source Voltage( V )
5
0.10
0
0
0.05
0.15
1
2
GS
3
4
A
0.20
0.20
0.25
0.30
A
T   = 125°C
7
6
89
10
I   = ‐ 2A
D
On‐Resistance Variation with Gate‐Source Voltage
Drain Current and Gate Voltage
‐I   Drain Current( A ) 
On‐Resistance Variation with
0.8
0
1.2
1.0
1.4
4
D
8
V   = ‐4.5V
2.2
1.8
1.6
2.0
2.4
GS
‐6.0V
12
16
‐7.0V
‐10V
‐5.0V
‐8.0V
‐V   ‐ Drain‐Source Voltage( V )
0
0
4
1
DS
16
8
12
‐5.0V
‐4.5V
23
4
‐7.0V
‐6.0V
V   = ‐10 V
GS
Typical output characteristics
5
‐8.0V
 
TYPICAL CHARACTERISTICS 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com