Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB80P03JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB80P03JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB80P03JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB80P03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMB80P03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/7/15 
p.4 
EMB80P03JS
t  ,Time ( SEC )
Single Pulse Maximum Power Dissipation
0.001
0
5
1
0.1
0.01
1
10
15
20
1000
10
100
A
Single Pulse
R    = 166°C/W
T  = 25°C
θJA
‐1
t1  ,Time ( SEC )
Transient Thermal Response Curve
10
‐4
0.05
0.02
0.01
0.1
10
‐3
10
‐2
10
Single Pulse
Duty Cycle = 0.5
0.2
1
4.R    (t)=r(t) * R
3.T  ‐  T   = P * R     (t)
2.R     =166°C/W
1.Duty Cycle,D =
t1
P
Notes:
1
10
θ
JA
J
θ
JA
DM
1000
θ
JA
100
t1
t2
t2
θ
JA
A
0.01
0.1
‐V   ,Drain‐Source Voltage( V )
Maximum Safe Operation Area
R    = 166 C/W
JA
T  = 25 C
SINGLE PULSE
GS
V   = ‐10V
0.01
0.1
A
0.1
θ
°
DS
1
°
DS(ON)
R       LIMIT
1
10
100
10
DC
50
10ms
10s
1s
100ms
μ
100   s
1ms
DS
V   = ‐ 5V
Q   ‐ Gate Charge( nC )
0
0
2
4
g
24
I   = ‐ 3A
6
8
10
D
8
6
10
‐ 15V
‐ 10V
Gate Charge Characteristics
‐ V   , Drain‐Source Voltage( V )
Capacitance Characteristics
240
0
0
80
160
Crss
DS
5
Coss
320
400
480
10
15
20
Ciss
25
30
V   = 0V
GS
f = 1MHZ
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com