Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP72 Datasheet(PDF) 6 Page - Billiton Ltd.

Part # TP72
Description  Series voltage differential voltage regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP72 Datasheet(HTML) 6 Page - Billiton Ltd.

  TP72 Datasheet HTML 1Page - Billiton Ltd. TP72 Datasheet HTML 2Page - Billiton Ltd. TP72 Datasheet HTML 3Page - Billiton Ltd. TP72 Datasheet HTML 4Page - Billiton Ltd. TP72 Datasheet HTML 5Page - Billiton Ltd. TP72 Datasheet HTML 6Page - Billiton Ltd. TP72 Datasheet HTML 7Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
南京拓微集成电路有限公司
6
注 :
1. VOUT (T) :规定的输出电压
2. VOUT (E) :有效输出电压 ( 即当 IOUT 保持一定数值,VIN = (VOUT (T)+1.0V)时的输出电压
3. Vdif :VIN1 –VOUT (E)’
VIN1 :逐渐减小输入电压,当输出电压降为 VOUT (E) 的 98%时的输入电压。
VOUT (E)’= VOUT (E)X98%
典型应用



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com