Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP72 Datasheet(PDF) 1 Page - Billiton Ltd.

Part # TP72
Description  Series voltage differential voltage regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP72 Datasheet(HTML) 1 Page - Billiton Ltd.

  TP72 Datasheet HTML 1Page - Billiton Ltd. TP72 Datasheet HTML 2Page - Billiton Ltd. TP72 Datasheet HTML 3Page - Billiton Ltd. TP72 Datasheet HTML 4Page - Billiton Ltd. TP72 Datasheet HTML 5Page - Billiton Ltd. TP72 Datasheet HTML 6Page - Billiton Ltd. TP72 Datasheet HTML 7Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
南京拓微集成电路有限公司
1
型号
后缀
封装
CE 端
特点
TP72xx
M
SOT23-3
No
P
SOT89-3
P1
SOT89-3
TP72 系列是高纹波抑制率、低功耗、
低压差,具有过流和短路保护的 CMOS 降压
型电压稳压器。这些器件具有很低的静态偏
置电流(8.0μA Typ.),它们能在输入、输出
电压差极小的情况下提 250mA 的输出电流,
并且仍能保持良好的调整率。由于输入输出
间的电压差很小和静态偏置电流很小,这些
器件特别适用于希望延长有用电池寿命的电
池供电类产品,如计算机、消费类产品和工
业设备等。
• 电池供电系统;
• 无绳电话设备;
• 无线控制系统;
• 便携/手掌式计算机;
• 便携式消费类设备;
• 便携式仪器;
• 电子设备;
• 汽车电子设备;
• 电压基准源。
特点
• 高精度输出电压:±2%;
• 输出电压:1.5V~5.0V(步长 0.1V);
• 最大工作电压:6V
• 极低的静态偏置电流(Typ.=8.0μA);
• 带载能力强:当 Vin=4.3V 且 Vout=3.3V 时
Iout=300mA;
• 极低的输入输出电压差:
0.2V at 90mA and 0.40V at 200mA;
• 输入稳定性好
• 低的温度调整系数;
• 可以作为调整器和参考电压来使用;
• 封装形式:SOT23-3, SOT89-3。
用途
TP72 系列低压差电压稳压器
选型指南


Similar Part No. - TP72

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
TOCOSAMERICA, INC.
TP7 TOCOS-TP7 Datasheet
223Kb / 3P
CODED SWITCHES
logo
TiMOTION Technology Co....
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
logo
Eaton All Rights Reserv...
TP701 EATON-TP701 Datasheet
42Kb / 2P
Eaton Crouse-Hinds series TP grounding screw with pigtail
logo
TOCOSAMERICA, INC.
TP70GF482 TOCOS-TP70GF482 Datasheet
223Kb / 3P
CODED SWITCHES
More results

Similar Description - TP72

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC561 TI-UCC561 Datasheet
192Kb / 8P
Low Voltage Differential SCSI LVD 27 Line Regulator Set
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Global Mixed-mode Techn...
G261 GMT-G261 Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
logo
NXP Semiconductors
PVR100AD-B NXP-PVR100AD-B Datasheet
111Kb / 17P
Voltage regulator series
Rev. 02-17 November 2009
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
Voltage regulator series
Rev. 01-16 November 2006
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
Series low-voltage differential voltage regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com