Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD3124DA Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WD3124DA
Description  1000mA Buck/Boost Charge Pump Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3124DA Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WD3124DA Datasheet HTML 1Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 2Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 3Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 4Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 5Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 6Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 7Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 8Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WD3124DA
Will Semiconductor Ltd.
4
Oct, 2017 - Rev. 1.2
Block diagram
RSET BLOCK
RSET
+-
+-
RESISTOR
TAPS
0
1
BG REF
1.26V
50mV
FB
COMP
MUX
2x1
+
-
FB REF
CLK
COUNTER
32 COUNT
CLR
2.2MHz
CLK
135C ON
145C OFF
THERMAL FAULT
OVER TEMP COMP
CLK
ONE
SHOT
FLASH
EN
VIN
FB SGND
C1
C2
VOUT
PGND
MODE SWITCH
0 = 1X
1 = 2X
S
R
0
SET
DOMINANT
FB COMP
RSET REF
FLASH = 1, S = 1, RSET REF
TORCH = 0, S = 0, 50mV
CHARGE PUMP
SWITCHERS
Absolute maximum ratings
These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Ratings” may cause
substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the
specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Note 1: Surface mounted on FR-4 Board using 1 square inch pad size, dual side, 1oz copper
Parameter
Symbol
Value
Unit
VIN,VOUT pin voltage range
V
-0.3~6
V
EN, FB pin voltage range
-
-0.3~5.5
V
Output Current Pulse(Flash)
IO(Flash)
1.5
A
Output Current Continuous(Torch)
IO(Torch)
0.4
A
Power Dissipation (Note 1)
3
W
Junction to Ambient Thermal Resistance (Note 1)
RθJA
57
oC/W
Junction temperature
TJ
150
oC
Lead temperature(Soldering, 10s)
TL
260
oC
Operating ambient temperature
Topr
-40 ~ 85
oC
Storage temperature
Tstg
-55 ~ 150
oC
ESD Ratings
HBM
8000
V
MM
400
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com