Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD3124DA Datasheet(PDF) 13 Page - Will Semiconductor Ltd.

Part # WD3124DA
Description  1000mA Buck/Boost Charge Pump Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3124DA Datasheet(HTML) 13 Page - Will Semiconductor Ltd.

Back Button WD3124DA Datasheet HTML 5Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 6Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 7Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 8Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 9Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 10Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 11Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 12Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 13Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
WD3124DA
Will Semiconductor Ltd.
13
Oct, 2017 - Rev. 1.2
Package outline dimensions
TDFN3x3-10L
D
E
TOP VIEW
BOTTOM VIEW
A1
A2
A
2.4
1.7
2.8
0.6
0.24
0.5
SIDE VIEW
RECOMMENDED LAND PATTERN (Unit:mm)
SYMBOL
Dimensions
In mm
Dimensions
In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A2
0.203REF
0.008REF
D
2.900
3.100
0.114
0.122
D1
2.300
2.500
0.091
0.098
E
2.900
3.100
0.114
0.112
E1
1.600
1.800
0.063
0.071
k
0.200MIN
0.008MIN
b
0.180
0.300
0.007
0.012
e
0.500TPY
0.020TYP
L
0.300
0.500
0.012
0.020
e
k
D1
b
N5
N1
E1
L
N1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com