Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM3003-3/TR Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WNM3003-3/TR
Description  N-Channel, 30V, 4.0A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM3003-3/TR Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WNM3003-3/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WNM3003
Typical Characteristics (Ta=25
oC, unless otherwise noted)
Output characteristics
On-Resistance vs. Drain current
On-Resistance vs. Junction temperature
Transfer characteristics
On-Resistance vs. Gate-to-Source voltage
Threshold voltage vs. Temperature
2
468
10
0
10
20
30
40
50
60
V
GS
=10V
V
GS
=4.5V
I
DS
-Drain-to-Source Current(A)
2
468
10
20
40
60
80
100
V
GS
-Gate-to-Source Voltage(V)
I
D
=3.1A
012345
0
5
10
15
V
DS
=5V
V
GS
-Gate-to-Source Voltage(V)
-50
0C
0123
4
0
5
10
15
20
25
0C
125
0C
V
GS
=2V
V
GS
=3V
V
GS
=4V
V
GS
=4.5V
V
GS
=10V
V
DS
-Drain-to-Source Voltage(V)
-50
0
50
100
150
10
20
30
40
50
60
V
GS
=10V I
D
=3.1A
Temperature(
0C)
-50
-25
0
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
I
DS
=250uA
Temperature(
0C)
Will Semiconductor Ltd.
4
2011 - Rev.1.1
Dec,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com