Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNM3003-3/TR Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # WNM3003-3/TR
Description  N-Channel, 30V, 4.0A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM3003-3/TR Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  WNM3003-3/TR Datasheet HTML 1Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 2Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 3Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 4Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 5Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 6Page - Will Semiconductor Ltd. WNM3003-3/TR Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WNM3003
WNM3003
N-Channel, 30V, 4.0A, Power MOSFET
Descriptions
The WNM3003 is N-Channel enhancement MOS
Field Effect Transistor. Uses advanced trench technology
and design to provide excellent RDS (ON) with low gate
charge. This device is suitable for use in DC-DC
conversion and power switch applications. Standard
Product WNM3003 is Pb-free.
Features
Trench Technology
Supper high density cell design
Excellent ON resistance for higher DC current
Extremely Low Threshold Voltage
Small package SOT-23
Applications
Driver for Relay, Solenoid, Motor, LED etc.
DC-DC converter circuit
Power Switch
Load Switch
Charging
Http://www.willsemi.com
SOT-23
Configuration (Top View)
WT3*
WT3
= Device Code
*
= Month (A~Z)
Marking
Order Information
Device
Package
Shipping
WNM3003-3/TR
SOT-23
3000/Tape&Reel
D
3
2
S
1
G
V(BR)DSS
Rds(on)
( )
0.033@ 10V
0.033@ 10V
30V
0.043 @ 4.5V
Will Semiconductor Ltd.
1
2011 - Rev.1.1
Dec,


Similar Part No. - WNM3003-3/TR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WNM3003 VBSEMI-WNM3003 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - WNM3003-3/TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
4.0A 600V N-CHANNEL POWER MOSFET
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
4.0A 650V N-CHANNEL POWER MOSFET
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
4.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
4.0A 600V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
4.0A, 900V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNMD2166 WILLSEMI-WNMD2166 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 4.0A, Power MOSFET
logo
KIA Semiconductor Techn...
3401 KIA-3401 Datasheet
118Kb / 5P
-4.0A竊?30V P-CHANNEL MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
4.0A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com