Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU103AD Datasheet(PDF) 1 Page - Shenzhen Jingdao Electronic Co.,Ltd

Part # BU103AD
Description  Bipolar Junction Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGDAO [Shenzhen Jingdao Electronic Co.,Ltd]
Direct Link  http://www.jdsemi.cn/en/
Logo JINGDAO - Shenzhen Jingdao Electronic Co.,Ltd

BU103AD Datasheet(HTML) 1 Page - Shenzhen Jingdao Electronic Co.,Ltd

  BU103AD Datasheet HTML 1Page - Shenzhen Jingdao Electronic Co.,Ltd BU103AD Datasheet HTML 2Page - Shenzhen Jingdao Electronic Co.,Ltd BU103AD Datasheet HTML 3Page - Shenzhen Jingdao Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
BU103AD
www.jdsemi.cn
R
ShenZhen Jingdao Electronic Co.,Ltd.
Bipolar Junction Transistor
Add: 1-4F,3rd Building,Honghui Industrial Park, 2nd Liuxian Road,Xinan Street,Baoan District,Shenzhen City,P.R.C
Tel:0755-29799516
Fax:0755-29799515
第 1 页 2013 版
◆Si NPN
◆RoHS COMPLIANT
1
11
1.
.
.
.APPLICATION
Fluorescent Lamp、Electronic Ballast、
and Switch-mode power supplies
2
22
2.
.
.
.FEATURES
High voltage capability
Intergrated antiparallel collector-emitter diode
Features of good high temperature
High switching speed
3
33
3.
.
.
.PACKAGE
TO-92
4
44
4.
.
.
.Electrical Characteristics
4
44
4.1
.1
.1
.1 Absolute Maximum Ratings
Tamb= 25℃ unless specified
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
650
V
Collector-Emittor Voltage
VCEO
400
V
Emittor- Base Voltage
VEBO
9
V
Collector Current
IC
2
A
Ta=25℃
0.8
Power Dissipation
Tc=25℃
Ptot
20
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~150
℃
4
44
4.2
.2
.2
.2 Electrical Parameter
Tamb= 25℃ unless specified
VALUE
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Base Voltage
BVCBO
IC=1mA,IE=0
650
V
Collector-Emittor Voltage
BVCEO
IC=1mA ,IB=0
400
V
Emittor-Base Voltage
BVEBO
IE=1mA,IC=0
9
V
Collector-Base Cutoff Current
ICBO
VCB=650V, IE=0
10
μA
Collector-Emittor Cutoff Current
ICEO
VCE=400V, IB=0
20
μA
Emittor-Base Cutoff Current
IEBO
VEB=9V, IC=0
10
μA
VCE=5V, IC=1mA
8
DC Current Gain
hFE
*
VCE=5V, IC=200mA
15
30
Collector-Emittor Saturation Voltage
VCE sat
*
IC=1A, IB=0.5A
0.6
V
Base-Emittor Saturation Voltage
VBE sat
*
IC=1A, IB=0.5A
1.2
V
Rising Time
tr
1.0
Falling Time
tf
0.8
Storage Time
ts
IC=250mA (UI9600)
2.1
3.1
μs
Typical Frequency
fT
VCE=10V,IC=0.1A,
f=1MHz
5
MHz
*: Pulse test tp≤300μs,δ≤2%
1 Base(B) 2 Collector(C) 3 Emitter(E)
1
VD


Similar Part No. - BU103AD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU103A ISC-BU103A Datasheet
295Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BU103A NJSEMI-BU103A Datasheet
126Kb / 2P
Silicon PNP Power Transistor
logo
Shenzhen Jingdao Electr...
BU103A JINGDAO-BU103A Datasheet
115Kb / 3P
Bipolar Junction Transistor
BU103AH JINGDAO-BU103AH Datasheet
111Kb / 3P
Bipolar Junction Transistor
More results

Similar Description - BU103AD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
BU102D JINGDAO-BU102D Datasheet
116Kb / 3P
Bipolar Junction Transistor
BU103BH JINGDAO-BU103BH Datasheet
113Kb / 3P
Bipolar Junction Transistor
BU8403 JINGDAO-BU8403 Datasheet
119Kb / 3P
Bipolar Junction Transistor
BU103A JINGDAO-BU103A Datasheet
115Kb / 3P
Bipolar Junction Transistor
BU103BD JINGDAO-BU103BD Datasheet
117Kb / 3P
Bipolar Junction Transistor
BU202DL JINGDAO-BU202DL Datasheet
116Kb / 3P
Bipolar Junction Transistor
DK54DL JINGDAO-DK54DL Datasheet
121Kb / 3P
Bipolar Junction Transistor
E13005SDL JINGDAO-E13005SDL Datasheet
129Kb / 3P
Bipolar Junction Transistor
H13003ADL JINGDAO-H13003ADL Datasheet
123Kb / 3P
Bipolar Junction Transistor
H13005D JINGDAO-H13005D Datasheet
123Kb / 3P
Bipolar Junction Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com