Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU103AD Datasheet(PDF) 2 Page - Shenzhen Jingdao Electronic Co.,Ltd

Part # BU103AD
Description  Bipolar Junction Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGDAO [Shenzhen Jingdao Electronic Co.,Ltd]
Direct Link  http://www.jdsemi.cn/en/
Logo JINGDAO - Shenzhen Jingdao Electronic Co.,Ltd

BU103AD Datasheet(HTML) 2 Page - Shenzhen Jingdao Electronic Co.,Ltd

  BU103AD Datasheet HTML 1Page - Shenzhen Jingdao Electronic Co.,Ltd BU103AD Datasheet HTML 2Page - Shenzhen Jingdao Electronic Co.,Ltd BU103AD Datasheet HTML 3Page - Shenzhen Jingdao Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
BU103AD
www.jdsemi.cn
R
ShenZhen Jingdao Electronic Co.,Ltd.
Bipolar Junction Transistor
Add: 1-4F,3rd Building,Honghui Industrial Park, 2nd Liuxian Road,Xinan Street,Baoan District,Shenzhen City,P.R.C
Tel:0755-29799516
Fax:0755-29799515
第 2 页 2013 版
5
55
5.
..
. Characteristic Curve
Fig1 Static Characteristic
Fig2
hFE-IC
0.01
0.1
10
1
IC (A)
1mA
10
1
100
IB=50mA
IB=10mA
IB=5mA
1.0
0.5
0
VCE (V)
10
5
0
Fig3 VCEsat-IC
Fig4 VBEsat-IC
0.1
1
10
Ic (A)
1.5
1.0
0.5
Ic (A)
0.1
10
1
0.01
1
0.1
0.04
4
VCE=5V
Ta=25℃
IC/IB=2
Ta=25℃
Ta=25℃
Ta=25℃
IC/IB=2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com