Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC77AAA Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SC77AAA
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC77AAA Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SC77AAA Datasheet HTML 1Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 2Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 3Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 4Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 5Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 6Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 7Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Standard Packaging Specifications
Reel (13 inch) ..................................................................................................................................................................5,000pcs.(fixed)
Outer Box (690 mm x 344 mm x 136 mm) ....................................................................................................................50,000pcs.(fixed)
Marking..........................................A label will be attached on the reel and outer box which includes the following items, at a minimum:
Partname,partnumber,quantity,lotnumber,safetyapprovalmark(UL,etc.),
company name (Bourns KK) and any other items required by the customer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
SC Series Breaker (Surface Mount Thermal Cutoff Device)
REEL
CARRIER TAPE
DIMENSIONS:
MM
(INCHES)
13.5 ± 1.0
(.531 ± .039)
17.5 ± 1.0
(.689 ± .039)
21.0 ± 0.8
(.827 ± .031)
1.0
(.039)
R
13.0 ± 0.2
(.512 ± .008)
DIA.
DIA.
CENTER HOLE
ENLARGEMENT
2.0 ± 0.5
(.079 ± .020)
2.0
(.079)
2.8
(.110)
2.0
(.079)
13.0 ± 0.2
(.512 ± .008)
80.0 ± 1.0
(3.150 ± .039)
DIA.
330.0 ± 2.0
(12.992 ± .079)
DIA.
10.0
(.394)
DIA.
90.0
(3.543)
DIA.
35 °
5.0
(.197)
R
NOTES:
1) The corner and ridge radiuses (R) of inside cavity
are 0.3 mm / (.012 in.) max.
2) Cumulative tolerance of 10 pitches of the sprocket
hole is ±0.2 mm / (.008 in.).
3) Measuring of cavity positioning is based on cavity
center in accordance with JIS/IEC standard.
DIA.
1.50 +0.1/-0
(.059 +.004/-.000)
1.75
(.069)
5.5
(.217)
12.00 +0.2/-0.1
(.472 +.008/-.004)
2.00
(.079)
4.00
(.157)
8.00
(.315)
3.15
(.124)
0.3 ± 0.05
(.012 ± .002)
5.05
(.199)
1.2 +0.2/-0.1
(.047 +.008/-.004)
1.5 +0.2/-0.1
(.059 +.008/-.004)
TOLERANCES:
0.1 UNLESSOTHERWISENOTED
(.004)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com