Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC77AAA Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SC77AAA
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC77AAA Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SC77AAA Datasheet HTML 1Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 2Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 3Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 4Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 5Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 6Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 7Page - Bourns Electronic Solutions SC77AAA Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Part Marking
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
SC Series Breaker (Surface Mount Thermal Cutoff Device)
Application Temperature Range
...........................................-30 ~ 100 °C
Storage Conditions
1) The breaker must be stored in the standard packaging with the following conditions:
ambient temperature of -10 to +40 °C, RH <75 % with no radical temperature
change,directsunshine,excessivevibrationorshock.
2) Avoidstoragelocationswherethereisapossibilityofgeneratingcorrosivegas
suchasfromsaltbreeze,chlorine,hydrogensulfide,ammonium,sulfide-oxidation,
hydrogen chloride, acetate, etc.
3) Storage period should be no longer than 24 months from date of shipment.
DATECODE:
MONTH(1~9,X,Y,Z)
DATE
YEAR
MACHINENO.
ROMANNUMERAL(I,II,III,ETC.)or
ARABICNUMERAL(1,2,3,ETC.)=OKAYAMAFACTORY
ALPHABET=SHIGAFACTORY
9018N
**
SC
**AAB
SERIESDESIGNATOR
MANUFACTURER’S
INTERNALCODE
(ALPHANUMERICCHARACTER)
TRIPTEMPERATURE-°C
(72,77,82,85)
ARMMATERIAL
(A=CuALLOYHIGHCURRENTTYPE)
THICKNESS
(A=1.07±0.05mm;B=0.94±0.05mm)
RESINTYPE
(A=PPS)
Environmental Specifications
MoistureSensitivityLevel.................... 1
ESDClassification(HBM).................... 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com