Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP404ACEZ-R0 Datasheet(PDF) 5 Page - TDK Electronics

Part # INMP404ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP404ACEZ-R0 Datasheet(HTML) 5 Page - TDK Electronics

  INMP404ACEZ-R0 Datasheet HTML 1Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 2Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INMP404
SOLDERING PROFILE
Figure 1. Recommended Soldering Profile Limits
TABLE 3. RECOMMENDED SOLDERING PROFILE*
PROFILE FEATURE
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
1.25°C/sec max
1.25°C/sec max
Preheat
Minimum Temperature
(TSMIN)
100°C
100°C
Minimum Temperature
(TSMIN)
150°C
200°C
Time (TSMIN to TSMAX), tS
60 sec to 75 sec
60 sec to 75 sec
Ramp-Up Rate (TSMAX to TL)
1.25°C/sec
1.25°C/sec
Time Maintained Above Liquidous (tL)
45 sec to 75 sec
~50 sec
Liquidous Temperature (TL)
183°C
217°C
Peak Temperature (TP)
215°C +3°C/−3°C
245°C +0°C/−5°C
Time Within +5°C of Actual Peak
Temperature (tP)
20 sec to 30 sec
20 sec to 30 sec
Ramp-Down Rate
3°C/sec max
3°C/sec max
Time +25°C (t25°C) to Peak
Temperature
5 min max
5 min max
Note: *The reflow profile in Table 3 is recommended for board manufacturing with InvenSense MEMS microphones. All
microphones are also compatible with the J-STD-020 profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Page 5 of 13
Document Number: DS-INMP404-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com