Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP404ACEZ-R0 Datasheet(PDF) 10 Page - TDK Electronics

Part # INMP404ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP404ACEZ-R0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button INMP404ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP404ACEZ-R0 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
INMP404
PCB DESIGN AND LAND PATTERN LAYOUT
The recommended PCB land pattern for the INMP404 should be laid out to a 1:1 ratio to the solder pads on the microphone
package, as shown in Figure 8. Take care to avoid applying solder paste to the sound hole in the PCB. A suggested solder paste
stencil pattern layout is shown in Figure 9. The diameter of the sound hole in the PCB should be larger than the diameter of the
sound port of the microphone. A minimum diameter of 0.5 mm is recommended.
Figure 8. PCB Land Pattern Layout
Dimensions shown in millimeters
Figure 9. Suggested Solder Paste Stencil Pattern Layout
Dimensions shown in millimeters
Ø1.55
Ø0.95
1.52
0.90
1.90
1.22
0.68
0.61
0.61
1.22
2×
0.8 × 0.6
0.2 × 45
TYP
1.52mm
1.55/1.05 DIA.
0.225 CUT WIDTH (2×)
Page 10 of 13
Document Number: DS-INMP404-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com