Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R0 Datasheet(PDF) 5 Page - TDK Electronics

Part # INMP421BCEZ-R0
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R0 Datasheet(HTML) 5 Page - TDK Electronics

  INMP421BCEZ-R0 Datasheet HTML 1Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 2Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
INMP421
TABLE 2. TIMING CHARACTERISTICS
TA = −40 to 85°C, VDD = 1.8 to 3.3 V, CLK = 2.4 MHz, CLOAD = 30 pF, unless otherwise noted. All minimum and maximum specifications
are guaranteed. Typical specifications are not guaranteed.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
SLEEP MODE
Wake-Up Time
Time from CLK rising (fCLK > 1 kHz),
power on
10
ms
1
INPUT
tCLKIN
Input clock period
310
1000
ns
Clock Frequency (CLK)
1.0
2.4
3.3
MHz
1
Clock Duty Cycle
40
60
%
OUTPUT
T1OUTEN
DATA1 (right) driven after falling clock
edge
30
ns
T1OUTDIS
DATA1 (right) disabled after rising
clock edge
20
ns
T2OUTEN
DATA2 (left) driven after rising clock
edge
30
ns
T2OUTDIS
DATA2 (left) disabled after falling clock
edge
20
ns
Note 1: The microphone operates at any clock frequency between 1.0 MHz and 3.3 MHz. Some specifications may not be guaranteed at frequencies other than 2.4
MHz.
TIMING DIAGRAM
Figure 1. Pulse Density Modulated Output Timing
tCLKIN
CLK
DATA2
DATA1
t2OUTDIS
t1OUTDIS
t2OUTEN
t1OUTEN
Page 5 of 21
Document Number: DS-INMP421-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com