Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP421BCEZ-R0 Datasheet(PDF) 8 Page - TDK Electronics

Part # INMP421BCEZ-R0
Description  Omnidirectional Microphone with Bottom Port and PDM Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP421BCEZ-R0 Datasheet(HTML) 8 Page - TDK Electronics

Back Button INMP421BCEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP421BCEZ-R0 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
INMP421
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
TABLE 5. PIN FUNCTION DESCRIPTIONS
PIN
NAME
FUNCTION
1
CLK
Clock Input to Microphone
2
L/R SELECT
Left Channel or Right Channel Select:
DATA 1 (right): L/R SELECT tied to GND
DATA 2 (left): L/R SELECT tied to VDD
3
GND
Ground
4
VDD
Power Supply. For best performance and to avoid potential parasitic artifacts, place a 0.1 µF
(100 nF) ceramic type X7R capacitor between Pin 4 (VDD) and ground. Place the capacitor as
close to Pin 4 as possible.
5
DATA
Digital Output Signal (DATA1 or DATA2)
3
CLK
L/R SELECT
GND
DATA
VDD
4
5
2
1
Page 8 of 21
Document Number: DS-INMP421-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com