Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP504ACEZ-R0 Datasheet(PDF) 3 Page - TDK Electronics

Part # INMP504ACEZ-R0
Description  Ultra-Low Noise Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP504ACEZ-R0 Datasheet(HTML) 3 Page - TDK Electronics

  INMP504ACEZ-R0 Datasheet HTML 1Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 2Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 3Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 4Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INMP504
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA = −40 to 85°C, VDD = 1.6 to 3.3 V, unless otherwise noted. All minimum and maximum specifications are guaranteed across
temperature and voltage, and are specified in Table 1, unless otherwise noted. Typical specifications are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−41
−38
−35
dBV
Signal-to-Noise Ratio (SNR)
65
dBA
Equivalent Input Noise (EIN)
29
dBA SPL
Dynamic Range
Derived from EIN and
maximum acoustic input
91
dB
Frequency Response
Low frequency −3 dB point
100
Hz
1
High frequency −3 dB point
>20
kHz
Total Harmonic Distortion (THD)
105 dB SPL
3
%
Power-Supply Rejection (PSR)
217 Hz, 100 mVp-p square
wave superimposed on VDD
= 1.8 V
−70
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
1.6
3.3
V
Supply Current (IS)
VDD = 1.8 V
180
200
µA
VDD = 3.3 V
200
225
µA
OUTPUT CHARACTERISTICS
Output Impedance (ZOUT)
200
Ω
Output DC Offset
0.8
V
Output Current Limit
90
µA
Maximum Output Voltage
120 dB SPL input, peak
0.35
VPEAK
Noise Floor
20 Hz to 20 kHz, A-weighted,
rms
−103
dBV
Note 1: See Figures 3 and 5.
Page 3 of 13
Document Number: DS-INMP504-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com