Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP504ACEZ-R0 Datasheet(PDF) 12 Page - TDK Electronics

Part # INMP504ACEZ-R0
Description  Ultra-Low Noise Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP504ACEZ-R0 Datasheet(HTML) 12 Page - TDK Electronics

Back Button INMP504ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP504ACEZ-R0 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
INMP504
OUTLINE DIMENSIONS
Figure 10. 3-Terminal Chip Array Small Outline No-Lead Cavity [LGA_CAV]
3.35 × 2.50 × 0.88 mm Body
Dimensions shown in millimeters
Figure 11. Package Marking Specification (Top View)
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP504ACEZ-R01*
−40°C to +85°C 3-Terminal
LGA_CAV
10,000
INMP504ACEZ-R71†
−40°C to +85°C 3-Terminal
LGA_CAV
1,000
EV_INMP504-FX
—
Flex Evaluation
Board
—
* – 13” Tape and Reel
† – 7” Tape and Reel to be discontinued. Check with sales@invensense.com for availability.
1Z = RoHS-Compliant Part
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/2014
1.0
Initial Release
2.575
2.500
2.425
3.425
3.350
3.275
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
0.98
0.88
0.78
0.21 REF
2.21
REF
3.06 REF
0.65 REF
BOTTOM VIEW
1.08
0.95 DIA.
0.25 NOM
0.20 MIN
DIA.
THRU HOLE
(SOUND PORT)
1.22 BSC
1.25
0.54
REF
0.64 REF
1.56 DIA.
1.52
0.75 REF
1
3
2
0.90 × 0.68
(PINS 1, 3)
0.20 TYP
× 45°
0.30 BSC
PIN 1
YY XXX
504
LOT TRACEABILITY CODE
PIN 1 INDICATION
PART NUMBER
DATECODE
Page 12 of 13
Document Number: DS-ADMP504-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com