Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP510ACEZ-R7 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP510ACEZ-R7
Description  RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP510ACEZ-R7 Datasheet(HTML) 1 Page - TDK Electronics

  INMP510ACEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INMP510
RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
GENERAL DESCRIPTION
The INMP510* is an RF-hardened, analog output, bottom-ported,
omnidirectional MEMS microphone with high performance,
ultra-low noise, and low power. The INMP510 consists of a
MEMS microphone element, an impedance converter, and an
output amplifier. The INMP510 sensitivity specification makes
it an excellent choice for both near-field and far-field
applications. The INMP510 is pin compatible with the INMP504
microphone. The INMP510 has a very high signal-to-noise
ratio (SNR) and extended wideband frequency response,
resulting in natural sound with high intelligibility. Low current
consumption enables long battery life for portable
applications.
The INMP510 is available in a miniature 3.35 × 2.5 × 0.98 mm
surface-mount package. It is reflow solder compatible with no
sensitivity degradation.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Smartphones and Feature Phones
•
Tablet Computers
•
Teleconferencing Systems
•
Digital Still and Video Cameras
•
Bluetooth Headsets
•
Notebook PCs
•
Security and Surveillance
FEATURES
•
Tiny, 3.35 × 2.5 × 0.98 mm Surface-Mount Package
•
High SNR of 65 dBA
•
Acoustic Overload Point of 124 dB SPL
•
Extended Frequency Response from 60 Hz to 20 kHz
•
Omnidirectional Response
•
Sensitivity of −38 dBV
•
Sensitivity Tolerance of ±2 dB
•
Enhanced Radio Frequency (RF) Performance
•
Low Current Consumption of 180 µA
•
Single-Ended Analog Output
•
High PSR of −78 dBV
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
INMP510ACEZ-R0*
−40°C to +85°C
INMP510ACEZ-R7†
−40°C to +85°C
EV_INMP510-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel is to be discontinued.
Contact sales@invensense.com for availability.
OUTPUT
AMPLIFIER
INMP504
POWER
VDD
GND
OUTPUT
InvenSense reserves the right to change the detail
specifications as may be required to permit
improvements in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP510-00
Revision: 1.0.
Rev Date: 02/06/2014


Similar Part No. - INMP510ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP510 TDK-INMP510 Datasheet
337Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results

Similar Description - INMP510ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP510 AD-ADMP510 Datasheet
247Kb / 12P
RF Hardened, Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
ADMP504ACEZ AD-ADMP504ACEZ Datasheet
273Kb / 12P
Ultralow Noise Microphone with Bottom Port and Analog Output
REV. 0
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-40181 TDK-ICS-40181 Datasheet
405Kb / 14P
RF-Hardened, Low-Noise Microphone with Top Port and Analog Output
INMP401 TDK-INMP401 Datasheet
336Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com