Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP510ACEZ-R7 Datasheet(PDF) 12 Page - TDK Electronics

Part # INMP510ACEZ-R7
Description  RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP510ACEZ-R7 Datasheet(HTML) 12 Page - TDK Electronics

Back Button INMP510ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 9Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 10Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 11Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 12Page - TDK Electronics INMP510ACEZ-R7 Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
INMP510
OUTLINE DIMENSIONS
Figure 13. 3-Terminal Chip Array Small Outline No-Lead Cavity [LGA_CAV]
3.35 × 2.50 × 0.98 mm Body
Dimensions shown in millimeters
Figure 14. Package Marking Specification (Top View)
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP510ACEZ-0L1*
−40°C to +85°C 3-Terminal LGA_CAV
10,000
INMP510ACEZ-R71†
−40°C to +85°C 3-Terminal LGA_CAV
1,000
EV_INMP510-FX
—
Flexible Evaluation Board
—
* – 13” Tape and Reel
† – 7” Tape and reel is discontinued. Contact sales@invensense.com for availability.
1Z = RoHS Compliant Part
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/14
1.0
Initial Release
2.575
2.500
2.425
3.425
3.350
3.275
TOP VIEW
SIDE VIEW
REFERENCE
CORNER
1.08
0.98
0.88
2.21
REF
3.06 REF
BOTTOM VIEW
1.08
0.95 DIA.
0.25 NOM
0.20 MIN
DIA.
THRU HOLE
(SOUND PORT)
1.22 BSC
1.25
0.54
REF
0.64 REF
1.55 DIA.
1.52
BSC
1.07
REF
0.75 REF
2
1
3
0.90 × 0.68
(PINS 1, 3)
0.20 TYP
× 45°
0.30 BSC
PIN 1
510
YYXXX
PIN 1 INDICATION
LOT TRACEABILITY
DATE CODE
PART NUMBER
Page 12 of 13
Document Number: DS-INMP510-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com