Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP521ACEZ-R0 Datasheet(PDF) 14 Page - TDK Electronics

Part # INMP521ACEZ-R0
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521ACEZ-R0 Datasheet(HTML) 14 Page - TDK Electronics

Back Button INMP521ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 13Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 14Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 15Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 16Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 17Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 18Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
INMP521
The DATA signal does not need to be buffered in normal use when the INMP521 microphones are placed close to the codec on the
PCB. If the INMP521 must drive the DATA signal over a long cable (>15 cm) or other large capacitive load, a digital buffer may be
needed. Use a signal buffer on the DATA line only when one microphone is in use or after the point where two microphones are
connected (see Figure 13.)
Figure 13. Buffered Connection Between Stereo INMP521 Devices and a Codec
The DATA output of each microphone in a stereo configuration cannot be individually buffered because the two buffer outputs
cannot drive a single signal line. If a buffer is used, take care to select a buffer with low propagation delay so that the timing of the
data connected to the codec is not corrupted.
When long wires are used to connect the codec to the INMP521, a 100 Ω source termination resistor can be used on the clock output
of the codec instead of a buffer to minimize signal over-shoot or ringing. Depending on the drive capability of the codec clock output,
a buffer may still be needed, as shown in Figure 13.
SLEEP MODE
The microphone enters sleep mode when the clock frequency falls below 1 kHz. In sleep mode, the microphone data output
is in a high impedance state. The current consumption of the INMP521 in sleep mode is less than 1 µA at VDD = 1.8 V.
The INMP521 enters sleep mode within 1 ms of the clock frequency falling below 1 kHz. The microphone wakes up from sleep mode
32,768 cycles after the clock becomes active. For a 2.4 MHz clock, the microphone begins to output data in 13.7 ms. The wake-up
time, as specified in Table 2, indicates the time from when the clock is enabled to when the INMP521 is consuming its specified
current.
START-UP TIME
The start-up time of the INMP521 from when the clock is active is the same as the wake-up time from sleep mode. The microphone
starts up 32,768 cycles after the clock is active.
CLOCK OUTPUT
CODEC
DATA
INMP521
INMP521
CLK
DATA INPUT
DATA
CLK
Page 14 of 20
Document Number: DS-INMP521-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com