Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP521ACEZ-R0 Datasheet(PDF) 9 Page - TDK Electronics

Part # INMP521ACEZ-R0
Description  Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP521ACEZ-R0 Datasheet(HTML) 9 Page - TDK Electronics

Back Button INMP521ACEZ-R0 Datasheet HTML 5Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 6Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 7Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 8Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 9Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 10Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 11Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 12Page - TDK Electronics INMP521ACEZ-R0 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
INMP521
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Frequency Response Mask
Figure 5. Typical Frequency Response (Measured)
Figure 6. Power-Supply Rejection (PSR) vs. Frequency
Figure 7. THD+N vs. Input SPL
15
–15
–10
–5
0
5
10
10
100
1k
10k
FREQUENCY (Hz)
10
–10
–8
–6
–4
–2
0
2
4
6
8
10
100
1k
10k
FREQUENCY (Hz)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
1k
10k
FREQUENCY (Hz)
0.1
1
10
95
110
115
105
100
120
INPUT LEVEL (dB SPL)
Page 9 of 20
Document Number: DS-INMP521-00
Revision: 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com