Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M440T1MV Datasheet(PDF) 21 Page - STMicroelectronics

Part # M440T1MV
Description  3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T1MV Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M440T1MV Datasheet HTML 17Page - STMicroelectronics M440T1MV Datasheet HTML 18Page - STMicroelectronics M440T1MV Datasheet HTML 19Page - STMicroelectronics M440T1MV Datasheet HTML 20Page - STMicroelectronics M440T1MV Datasheet HTML 21Page - STMicroelectronics M440T1MV Datasheet HTML 22Page - STMicroelectronics M440T1MV Datasheet HTML 23Page - STMicroelectronics M440T1MV Datasheet HTML 24Page - STMicroelectronics M440T1MV Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
M440T1MV
Table 13. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –15 to 75°C; VCC = 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC pass-
es VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tREC
Power-up Deselect Time
40
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com