Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M440T1MV Datasheet(PDF) 5 Page - STMicroelectronics

Part # M440T1MV
Description  3.3V, 32 Mbit (1024 Kbit x 32) TIMEKEEPER SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T1MV Datasheet(HTML) 5 Page - STMicroelectronics

  M440T1MV Datasheet HTML 1Page - STMicroelectronics M440T1MV Datasheet HTML 2Page - STMicroelectronics M440T1MV Datasheet HTML 3Page - STMicroelectronics M440T1MV Datasheet HTML 4Page - STMicroelectronics M440T1MV Datasheet HTML 5Page - STMicroelectronics M440T1MV Datasheet HTML 6Page - STMicroelectronics M440T1MV Datasheet HTML 7Page - STMicroelectronics M440T1MV Datasheet HTML 8Page - STMicroelectronics M440T1MV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
M440T1MV
Figure 3. PBGA Connections (Top View)
Note: This diagram is TOP VIEW perspective (view through package).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
A15
A17
A13
A18
A16
A14
A12
A7
A6
A5
DQ7
DQ6
DQ5
A19
DQ4
DQ0
DQ1
DQ2
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
DQ31
DQ30
DQ29
DQ28
DQ27
DQ24
DQ25
DQ26
DQ16
DQ17
DQ18
DQ23
RSV1
DQ22
DQ21
DQ20
DQ19
M440T1MV
AI04794
W1
W3
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com