Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1539HTDP Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF1539HTDP
Description  管-BalanceTM PWM Power Switch Fixed 65KHz Fsw and OTP Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF1539HTDP Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF1539HTDP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1539HTDP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_1539HT_V1.1
SF1539HT
FEATURES
◆ Built-in 600V Power MOSFET
◆ Over Temperature Protection (OTP)
◆ Proprietary η
-Balance
TM
Control to Boost
Light Load Efficiency
◆ Proprietary “Zero OCP/OPP Recovery Gap”
Control
◆ Fixed 65KHz Switching Frequency
◆ Built-in Soft Start Function
◆ Very Low Startup Current
◆ Frequency Reduction and Burst Mode Control
for Energy Saving
◆ Current Mode Control
◆ Built-in Frequency Shuffling
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Built-in Leading Edge Blanking (LEB)
◆ Constant Power Limiting
◆ Pins Floating Protection
◆ Audio Noise Free Operation
◆ VDD OVP & Clamp
◆ VDD Under Voltage Lockout (UVLO)
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ Open-frame SMPS
◆ Set-Top Box Power Supplies
◆ ATX Standby Power
GENERAL DESCRIPTION
SF1539HT is a high performance, high efficiency,
highly integrated current mode PWM power switch for
offline flyback converter applications.
In
SF1539HT,
PWM
switching
frequency
with
shuffling is fixed to 65KHz and is trimmed to tight
range. When the output power demands decrease,
he IC decreases switching frequency based on the
proprietary η
-Balance
TM
control to boost power
conversion efficiency at the light load. When output
power falls below a given value, the IC enters into
burst mode and provides excellent efficiency without
audio noise.
The IC can achieve “Zero OCP/OPP Recovery Gap”
using
SiFirst’s
proprietary
control
algorithm.
Meanwhile, the OCP/OPP variation versus universal
line input is compensated.
The IC has built-in synchronized slope compensation
to prevent sub-harmonic oscillation at high PWM duty
output. The IC also has built-in soft start function to
soften the stress on the MOSFET during power on
period.
SF1539HT integrates functions and protections of
Under Voltage Lockout (UVLO), Over Temperature
Protection (OTP), VCC Over Voltage Protection
(OVP), Cycle-by-cycle Current Limiting (OCP), Pins
Floating Protection, Over Load Protection (OLP),
VCC Clamping, Leading Edge Blanking (LEB), etc.
SF1539HT is available in DIP8 packages.
TYPICAL APPLICATION
EMI
Filter
AC IN
SF1539HT
DC Out
TL431
1
VDD
FB
CS
GND
RT
2
3
4
8
7
6
5
GND
Drain
Drain
NTC
η-Balance
TM
PWM Power Switch
Fixed 65KHz Fsw and OTP Protection


Similar Part No. - SF1539HTDP

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539DP SIFIRST-SF1539DP Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539WDP SIFIRST-SF1539WDP Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
More results

Similar Description - SF1539HTDP

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF1531S SIFIRST-SF1531S Datasheet
63Kb / 2P
管-BalanceTM Current Mode PWM Controller
SF1533 SIFIRST-SF1533 Datasheet
52Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539 SIFIRST-SF1539 Datasheet
51Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1539W SIFIRST-SF1539W Datasheet
86Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF1546 SIFIRST-SF1546 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1548 SIFIRST-SF1548 Datasheet
64Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF1549 SIFIRST-SF1549 Datasheet
65Kb / 2P
管-BalanceTM PWM Power Switch Fixed 65KHz Fsw
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
SF5565M SIFIRST-SF5565M Datasheet
88Kb / 2P
管-BalanceTM Current Mode PWM Controller with Brownout Protection
SF5580 SIFIRST-SF5580 Datasheet
82Kb / 2P
HV-mWTM?곊?BalanceTM PWM Controller Fixed 65KHz Fsw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com