Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1539HTDP Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF1539HTDP
Description  管-BalanceTM PWM Power Switch Fixed 65KHz Fsw and OTP Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF1539HTDP Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF1539HTDP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1539HTDP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_1539HT_V1.1
SF1539HT
Pin Configuration
RT
VDD
1
2
3
FB
GND
GND
Drain
DIP8
4
8
7
6
5
CS
Drain
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF1539HTDP
SF1539HTDP
DIP8
RoHs
Output Power Table
(1)
Part Number
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
SF1539HTDP
18W
26W
13W
16W
Note 1. The Max. output power is limited by junction temperature
Note 2. 230VAC or 100/115VAC with doublers
Note 3. Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat
sink at 50
oC ambient.
Note 4. Max. practical continuous power in a open-frame design with sufficient drain pattern as a heat sink at
50
oC ambient.
Comparison between SF1539 and SF1539HT
Parameter or Function
SF1539
SF1539HT
PWM Switching Frequency
50KHz
65KHz
External OTP Protection
No
Yes
Marking Information
YWW: Year&Week code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com