Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5877 Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5877
Description  HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5877 Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5877 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5877 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_5877_V1.0
SF5877
FEATURES
◆ Easily Meet EPS Level 6
◆ Proprietary
QR-II
TM
Technology:
●Digital Anti-jitter for Audio Noise Free
Operation
● Digital Frequency Foldback
● Digital Frequency Jittering
◆ Proprietary
HV-mW
TM
to Achieve Less than
50mW Standby Power
◆ Multi-Mode Operation for High Efficiency
◆ 12.7us Maximum On Time
◆ 80KHz Maximum Frequency Limit
◆ 53KHz Frequency Low Clamping in QR Mode
◆ Maximum 65% Duty Cycle
◆ Adaptive Slope Compensation for CCM Mode
◆ Latch Plug-off Protection
◆ Built-in Soft Start Function
◆ Pin Floating Protection
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Leading Edge Blanking (LEB)
◆ Constant Power Limiting
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ SMPS Power Supply
GENERAL DESCRIPTION
SF5877 is a high performance, 2
nd Generation Quasi-
Resonant (QR-II
TM) PWM controller for offline flyback
power converter applications. The built-in proprietary
HV-mW
TM
technology and
QR-II
TM technology with
high level protection features can improve the SMPS
reliability and performance.
In SF5877, the “Digital Anti-Jitter” function can
automatically select and lock a valley at a given
loading,
which
can
achieve
audio
noise
free
operation. On the other hand, the “Digital Frequency
Jittering” function makes the system have superior
EMI performance than conventional QR system.
SF5877 is a multi mode controller. When full loadings,
the IC works in CCM mode or QR mode based on the
AC line input. When the loading goes low, the IC
enters into “Digital Frequency Foldback” mode to
boost power conversion efficiency. When the output
power is very small, the IC enters into burst mode
and can achieve less than 50mW no load power.
SF5877 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VDD
Over
Voltage
Protection
(VDD
OVP),
Output
Over
Voltage
Protection (Output OVP), Cycle-by-cycle Current
Limiting (OCP), Pin Floating Protection, Over Load
Protection (OLP), Soft Start, VCC Clamping, Gate
Clamping, etc. In SF5877, VDD OVP and Output
OVP
are
latch
mode
protections,
the
other
protections are auto-recovery mode.
SF5877 is available in SOP8 package.
TYPICAL APPLICATION
EMI
Filter
VDD
HV
GND
CS
SF5877
1
7
6
8
2
FB
3
4
5
DEM
TL431
GATE
NC
HV-mW
TM、2nd Generation Quasi-Resonant (QR-IITM ) PWM Controller


Similar Part No. - SF5877

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF5873 SIFIRST-SF5873 Datasheet
102Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5873SG SIFIRST-SF5873SG Datasheet
102Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5873SGT SIFIRST-SF5873SGT Datasheet
102Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5879 SIFIRST-SF5879 Datasheet
103Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Power Switch
SF5879DP SIFIRST-SF5879DP Datasheet
103Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Power Switch
More results

Similar Description - SF5877

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
SIFIRST TECHNOLOGIES NA...
SF5773 SIFIRST-SF5773 Datasheet
101Kb / 2P
2nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5873 SIFIRST-SF5873 Datasheet
102Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5879 SIFIRST-SF5879 Datasheet
103Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Power Switch
SF5887 SIFIRST-SF5887 Datasheet
103Kb / 2P
2nd Generation Quasi-Resonant (QR-IITM ) PWM Controller OTP Protection
SF5897 SIFIRST-SF5897 Datasheet
104Kb / 2P
HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller With PFC ON/OFF Control
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com