Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5877 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5877
Description  HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5877 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5877 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5877 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_5877_V1.0
SF5877
Pin Configuration
DEM
FB
1
2
3
CS
HV
NC
VDD
SOP8
4
8
7
6
5
GND
GATE
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF5877SG
SF5877SG
SOP8
Green
SF5877SGT
SF5877SG
SOP8
Green
Yes
Marking Information
SF 5 8 7 7 S G
Y WW
YWW: Year&Week code
Pin Description
Pin Num
Pin Name
I/O
Description
1
DEM
I
Transformer core demagnetization detection pin. This pin is also used for
output over voltage protection (OVP).
2
FB
I
Voltage feedback pin. The loop regulation is achieved by connecting a
photo-coupler to this pin. PWM duty cycle is generated by this pin voltage
and the current sense signal at Pin 3.
3
CS
I
Current sense input pin.
4
GND
P
IC ground pin.
5
GATE
O
Totem-pole gate driver output to drive the external MOSFET.
6
VDD
P
IC power supply pin.
7
NC
-
No connection.
8
HV
P
This pin connects to bulk capacitor for high voltage startup.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com