Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080AN5P Datasheet(PDF) 10 Page - STMicroelectronics

Part # M50FLW080AN5P
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080AN5P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M50FLW080AN5P Datasheet HTML 6Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 7Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 8Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 9Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 10Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 11Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 12Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 13Page - STMicroelectronics M50FLW080AN5P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Summary description
M50FLW080A, M50FLW080B
10/64
Figure 3.
PLCC connections
1.
Pins 27 and 28 are not internally connected.
Figure 4.
TSOP32 connections
AI09231C
NC
FWH4/LFRAME
17
ID1/RFU
ID0/RFU
FWH0/LAD0
GPI1
TBL
ID3
ID2
GPI0
WP
9
VSS
1
VCC
NC
RFU
32
M50FLW080A
M50FLW080B
IC (VIL)
INIT
NC
25
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
NC
W
VSS
VCC
NC
DQ7
IC (VIH)
G
NC
A/A Mux
A/A Mux
A/A Mux
A/A Mux
AI09701B
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
DQ7
G
NC
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1/RFU
FWH1/LAD1
FWH2/LAD2
GPI3
TBL
ID2
GPI0
WP
NC
NC
RFU
GPI4
NC
FWH4/LFRAME
RFU
FWH3/LAD3
VSS
RFU
RFU
CLK
RP
VPP
VCC
M50FLW080A
M50FLW080B
8
1
9
16
17
24
25
32
ID3
VSS
INIT
IC
NC
GPI2
FWH0/LAD0
GPI1
ID0/RFU
NC
NC
IC (VIH)
NC
NC
RC
RP
VPP
VCC
A10
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com