Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080AN5P Datasheet (PDF) - STMicroelectronics

M50FLW080AN5P Datasheet PDF - STMicroelectronics
Part # M50FLW080AN5P
Download  M50FLW080AN5P Download
File Size   534.02 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory

M50FLW080AN5P Datasheet (PDF)

Go To PDF Page Download Datasheet
M50FLW080AN5P Datasheet PDF - STMicroelectronics

Part # M50FLW080AN5P
Download  M50FLW080AN5P Click to download

File Size   534.02 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory

M50FLW080AN5P Datasheet (HTML) - STMicroelectronics


M50FLW080AN5P Product details

Summary description

The M50FLW080 is a 8 Mbit (1M x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing on production lines, an optional 12V power supply can be used to reduce the erasing and programming time.



Feature summary

■ Flash memory

   – Compatible with either the LPC interface or the FWH interface (Intel Spec rev1.1) used in PC BIOS applications

   – 5-signal communication interface supporting Read and Write operations

   – 5 additional general-purpose inputs for platform design flexibility

   – Synchronized with 33 MHz PCI clock

■ 16 blocks of 64 Kbytes

   – 13 blocks of 64 Kbytes each

   – 3 blocks, subdivided into 16 uniform sectors of 4 Kbytes each

      Two blocks at the top and one at the bottom (M50FLW080A)

      One block at the top and two at the bottom (M50FLW080B)

■ Enhanced security

   – Hardware Write Protect pins for block protection

   – Register-based Read and Write Protection

   – Individual Lock Register for each 4 KByte sector

■ Supply voltage

   – VCC = 3.0 to 3.6 V for Program, Erase and Read operations

   – VPP = 12 V for Fast Program and Erase

■ Two interfaces

   – Auto Detection of Firmware Hub (FWH) or Low Pin Count (LPC) memory cycles for embedded operation with PC chipsets

   – Address/Address Multiplexed (A/A Mux) interface for programming equipment compatibility.

■ Programming time: 10 µs typical

■ Program/Erase Controller

   – Embedded Program and Erase algorithms

   – Status Register bits

■ Program/Erase Suspend

   – Read other Blocks/Sectors during Program Suspend

   – Program other Blocks/Sectors during Erase Suspend

■ ELectronic signature

   – Manufacturer Code: 20h

   – Device Code (M50FLW080A): 80h

   – Device Code (M50FLW080B): 81h

■ Packages

   – ECOPACK® (RoHS compliant)



 




Similar Part No. - M50FLW080AN5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
M50FLW040AK1 STMICROELECTRONICS-M50FLW040AK1 Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040AK1G STMICROELECTRONICS-M50FLW040AK1G Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040AK1P STMICROELECTRONICS-M50FLW040AK1P Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
More results


Similar Description - M50FLW080AN5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
24-Oct-2006
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com